Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOT361-1_118 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SOT361-1_118
Description  TSSOP28 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SOT361-1_118 Datasheet(HTML) 3 Page - NXP Semiconductors

  SOT361-1_118 Datasheet HTML 1Page - NXP Semiconductors SOT361-1_118 Datasheet HTML 2Page - NXP Semiconductors SOT361-1_118 Datasheet HTML 3Page - NXP Semiconductors SOT361-1_118 Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SOT361-1_118
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Packing information
Rev. 3 — 16 April 2013
3 of 4
NXP Semiconductors
SOT361-1
TSSOP28; Reel pack; SMD, 13"
Q1/T1 Standard product orientation
Orderable part number ending ,118 or J
Ordering code (12NC) ending 118
4.
Reel dimensions
Fig 4.
Schematic view of reel
Table 3.
Reel dimensions
In accordance with IEC 60286-3.
D (mm)
W (mm)
330
16
detail Z
1.5 mm min
001aaa751
W
Schematic view of reel
R 0.75 mm
12.8 mm
min
20.2 mm
min
D
Z


Similar Part No. - SOT361-1_118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOT361-1_128 PHILIPS-SOT361-1_128 Datasheet
232Kb / 4P
   TSSOP28 Reel pack SMD, 13, Turned Q2/T3 Standard product orientation Orderable part number ending ,128 or HP Ordering code (12NC) ending 128
Rev. 1-25 April 2013
More results

Similar Description - SOT361-1_118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOT505-1_118 PHILIPS-SOT505-1_118 Datasheet
219Kb / 4P
   TSSOP8 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 1-15 April 2013
SOT908-1_118 PHILIPS-SOT908-1_118 Datasheet
276Kb / 4P
   HVSON8 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 2-19 April 2013
SOT355-1_118 PHILIPS-SOT355-1_118 Datasheet
232Kb / 4P
   TSSOP24 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-15 April 2013
SOT360-1_118 PHILIPS-SOT360-1_118 Datasheet
230Kb / 4P
   TSSOP20 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-15 April 2013
SOT137-1_118 PHILIPS-SOT137-1_118 Datasheet
240Kb / 4P
   SO24 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-12 April 2013
SOT109-1_118 PHILIPS-SOT109-1_118 Datasheet
215Kb / 4P
   SO16 Reel pack; SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-24 April 2013
SOT108-1_118 PHILIPS-SOT108-1_118 Datasheet
213Kb / 4P
   SO14 Reel pack; SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-8 April 2013
SOT629-1_118 PHILIPS-SOT629-1_118 Datasheet
264Kb / 4P
   HVQFN16 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 1-17 April 2013
SOT617-3_118 PHILIPS-SOT617-3_118 Datasheet
191Kb / 4P
   HVQFN32 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 1-2 April 2014
SOT788-1_118 PHILIPS-SOT788-1_118 Datasheet
188Kb / 4P
   HVQFN28 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 1-18 April 2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com