Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC913B Datasheet(PDF) 8 Page - Microchip Technology

Part # TC913B
Description  Dual Auto-Zeroed Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC913B Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC913B Datasheet HTML 4Page - Microchip Technology TC913B Datasheet HTML 5Page - Microchip Technology TC913B Datasheet HTML 6Page - Microchip Technology TC913B Datasheet HTML 7Page - Microchip Technology TC913B Datasheet HTML 8Page - Microchip Technology TC913B Datasheet HTML 9Page - Microchip Technology TC913B Datasheet HTML 10Page - Microchip Technology TC913B Datasheet HTML 11Page - Microchip Technology TC913B Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TC913A/TC913B
DS21482B-page 8
© 2002 Microchip Technology Inc.
5.3
Package Dimensions
.050 (1.27) TYP.
8
° MAX.
PIN 1
.244 (6.20)
.228 (5.79)
.157 (3.99)
.150 (3.81)
.197 (5.00)
.189 (4.80)
.020 (0.51)
.013 (0.33)
.010 (0.25)
.004 (0.10)
.069 (1.75)
.053 (1.35)
.010 (0.25)
.007 (0.18)
.050 (1.27)
.016 (0.40)
.
8-Pin SOIC
Dimensions: inches (mm)
3
° MIN.
PIN 1
.260 (6.60)
.240 (6.10)
.045 (1.14)
.030 (0.76)
.070 (1.78)
.040 (1.02)
.400 (10.16)
.348 (8.84)
.200 (5.08)
.140 (3.56)
.150 (3.81)
.115 (2.92)
.110 (2.79)
.090 (2.29)
.022 (0.56)
.015 (0.38)
.040 (1.02)
.020 (0.51)
.015 (0.38)
.008 (0.20)
.310 (7.87)
.290 (7.37)
.400 (10.16)
.310 (7.87)
8-Pin Plastic DIP
Dimensions: inches (mm)


Similar Part No. - TC913B

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC913B TELCOM-TC913B Datasheet
48Kb / 4P
   DUAL AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC913B MICROCHIP-TC913B Datasheet
259Kb / 12P
   Dual Auto-Zeroed Operational Amplifiers
2006
TC913B MICROCHIP-TC913B Datasheet
205Kb / 14P
   Dual Auto-Zeroed Operational Amplifiers
11/29/12
logo
TelCom Semiconductor, I...
TC913BCOA TELCOM-TC913BCOA Datasheet
48Kb / 4P
   DUAL AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC913BCOA MICROCHIP-TC913BCOA Datasheet
259Kb / 12P
   Dual Auto-Zeroed Operational Amplifiers
2006
More results

Similar Description - TC913B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC913A MICROCHIP-TC913A_13 Datasheet
205Kb / 14P
   Dual Auto-Zeroed Operational Amplifiers
11/29/12
TC913A MICROCHIP-TC913A_06 Datasheet
259Kb / 12P
   Dual Auto-Zeroed Operational Amplifiers
2006
TC901 MICROCHIP-TC901 Datasheet
50Kb / 6P
   Dual Auto-Zeroed Operational Amplifiers
2001
logo
TelCom Semiconductor, I...
TC913A TELCOM-TC913A Datasheet
48Kb / 4P
   DUAL AUTO-ZEROED OPERATIONAL AMPLIFIERS
TC911A TELCOM-TC911A Datasheet
69Kb / 5P
   AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC911A MICROCHIP-TC911A_05 Datasheet
263Kb / 14P
   Monolithic Auto-Zeroed Operational Amplifiers
2005
TC911A MICROCHIP-TC911A Datasheet
60Kb / 7P
   Monolithic Auto-Zeroed Operational Amplifers
2001
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
   MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
Teledyne Technologies I...
TC915 TELEDYNE-TC915 Datasheet
941Kb / 8P
   HIGH-VOLTAGE, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com