Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOT108-1_431 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SOT108-1_431
Description  SO14 Reel sulfur barrier pack, SMD, 13 Q1/T1 standard product orientation Orderable part number ending ,431 or Z Ordering code (12NC) ending 431
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SOT108-1_431 Datasheet(HTML) 5 Page - NXP Semiconductors

  SOT108-1_431 Datasheet HTML 1Page - NXP Semiconductors SOT108-1_431 Datasheet HTML 2Page - NXP Semiconductors SOT108-1_431 Datasheet HTML 3Page - NXP Semiconductors SOT108-1_431 Datasheet HTML 4Page - NXP Semiconductors SOT108-1_431 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NXP Semiconductors
SOT108-1
SO14; Reel sulfur barrier pack, SMD, 13"
Q1/T1 standard product orientation
Orderable part number ending ,431 or Z
Ordering code (12NC) ending 431
© NXP Semiconductors N.V. 2015.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 19 August 2015
Document identifier: SOT108-1_431
Limited warranty and liability
Information in this document is believed to be accurate and reliable. However, NXP
Semiconductors does not give any representations or warranties, expressed or implied, as
to the accuracy or completeness of such information and shall have no liability for the
consequences of use of such information.
6.
Revision history
Table 5.
Revision history
Document ID
Release date
Packing document status
Change notice
Supersedes
SOT108-1_431
20150819
Packing information
-
-


Similar Part No. - SOT108-1_431

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOT108-1_118 PHILIPS-SOT108-1_118 Datasheet
213Kb / 4P
   SO14 Reel pack; SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-8 April 2013
More results

Similar Description - SOT108-1_431

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOT96-1_431 PHILIPS-SOT96-1_431 Datasheet
213Kb / 5P
   SO8 Reel sulfur barrier pack, SMD, 13 Q1/T1 standard product orientation Orderable part number ending ,431 or Z Ordering code (12NC) ending 431
Rev. 1-19 August 2015
SOT108-1_118 PHILIPS-SOT108-1_118 Datasheet
213Kb / 4P
   SO14 Reel pack; SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-8 April 2013
SOT505-1_118 PHILIPS-SOT505-1_118 Datasheet
219Kb / 4P
   TSSOP8 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 1-15 April 2013
SOT96-1_518 PHILIPS-SOT96-1_518 Datasheet
133Kb / 4P
   SO8 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending, 518 or Y Ordering code (12NC) ending 518
Rev. 1-2 June 2014
SOT908-1_118 PHILIPS-SOT908-1_118 Datasheet
276Kb / 4P
   HVSON8 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 2-19 April 2013
SOT616-1_128 PHILIPS-SOT616-1_128 Datasheet
191Kb / 4P
   HVQFN24 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,128or J Ordering code (12NC) ending 128
Rev. 1-16 July 2014
SOT361-1_118 PHILIPS-SOT361-1_118 Datasheet
232Kb / 4P
   TSSOP28 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 3-16 April 2013
SOT355-1_118 PHILIPS-SOT355-1_118 Datasheet
232Kb / 4P
   TSSOP24 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-15 April 2013
SOT360-1_118 PHILIPS-SOT360-1_118 Datasheet
230Kb / 4P
   TSSOP20 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-15 April 2013
SOT137-1_118 PHILIPS-SOT137-1_118 Datasheet
240Kb / 4P
   SO24 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-12 April 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com