Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM3470BB Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM3470BB
Description  Interpolation Encoder IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3470BB Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM3470BB Datasheet HTML 1Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 2Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SM3470BB
Interpolation Encoder IC
SEIKO NPC CORPORATION -
1
OVERVIEW
The SM3470B is an interpolation IC for encoders. It accepts displacement detection, 2-phase analog signals (A and B phases) and a zero
point detection analog signal (Z phase) from an encoder, interpolates the signals by a specified interpolation factor, and outputs
corresponding 2-phase digital signals (A and B phases) and a zero point detection digital signal (Z phase). It incorporates a built-in
EEPROM for interpolation switching and input signal adjustment functions, providing support for system miniaturization and high-speed
input/output signal operation.
FEATURES
▪ Interpolation switching function: ×1, 2, 4, 8, 16, 32, 5, 10, 20 (selectable)
▪Adjustment function: Offset adjustment
▪ Supply voltage: 2.7 to 5.5V
▪ Operating temperature range: –40 to +125°C
▪ Input frequency: 500kHz (max)
▪ Output frequency: 2.5MHz (max)
▪ Package: QFN24 (size: 4mm × 4mm)
ORDERING INFORMATION
Device
Package
SM3470BB-G*1
24 pin QFN
*1. “-G” option code lead-free package
PACKAGE DIMENSIONS
4.00±0.1
2.40 ±0.1
0.75
A
C0.11
0.2
0.05
0.2
0.08
0.15
S
S
S
S
//
B
A
SAB
0.22±0.05
[unit:mm]
0.50
M


Similar Part No. - SM3470BB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM3471AB NPC-SM3471AB Datasheet
330Kb / 9P
   Input frequency - 300kHz - max
SM3473A NPC-SM3473A Datasheet
411Kb / 10P
   Interpolation IC for MR Sensors
More results

Similar Description - SM3470BB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM3473A NPC-SM3473A Datasheet
411Kb / 10P
   Interpolation IC for MR Sensors
logo
IC-Haus GmbH
IC-TW2 ICHAUS-IC-TW2_13 Datasheet
569Kb / 28P
   8-BIT SIN/COS INTERPOLATION IC
logo
Princeton Technology Co...
PT2240B PTC-PT2240B_09 Datasheet
279Kb / 8P
   Encoder IC
PT4203 PTC-PT4203 Datasheet
495Kb / 4P
   Encoder IC
PT2240B PTC-PT2240B Datasheet
73Kb / 3P
   Encoder IC
logo
IC-Haus GmbH
IC-MQ ICHAUS-IC-MQ_15 Datasheet
1Mb / 43P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQF ICHAUS-IC-MQF_15 Datasheet
836Kb / 38P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
logo
Princeton Technology Co...
PT2240 PTC-PT2240 Datasheet
47Kb / 4P
   Programmable Encoder IC
logo
List of Unclassifed Man...
EDE1144 ETC-EDE1144 Datasheet
63Kb / 7P
   Keypad Encoder IC
logo
Princeton Technology Co...
PT2241 PTC-PT2241_06 Datasheet
357Kb / 22P
   Programmable Encoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com