Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74A5-50VAT Datasheet(PDF) 2 Page - Microchip Technology

Part # TC74A5-50VAT
Description  Tiny Serial Digital Thermal Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC74A5-50VAT Datasheet(HTML) 2 Page - Microchip Technology

  TC74A5-50VAT Datasheet HTML 1Page - Microchip Technology TC74A5-50VAT Datasheet HTML 2Page - Microchip Technology TC74A5-50VAT Datasheet HTML 3Page - Microchip Technology TC74A5-50VAT Datasheet HTML 4Page - Microchip Technology TC74A5-50VAT Datasheet HTML 5Page - Microchip Technology TC74A5-50VAT Datasheet HTML 6Page - Microchip Technology TC74A5-50VAT Datasheet HTML 7Page - Microchip Technology TC74A5-50VAT Datasheet HTML 8Page - Microchip Technology TC74A5-50VAT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TC74
DS21462B-page 2
© 2002 Microchip Technology Inc.
Device Selection Table
NOTE: *Default Address.
Part Number
Package
Address
Temperature Range
TC74A0-3.3VCT
SOT-23A-5
1001 000
-40°C to +125°C
TC74A1-3.3VCT
SOT-23A-5
1001 001
-40°C to +125°C
TC74A2-3.3VCT
SOT-23A-5
1001 010
-40°C to +125°C
TC74A3-3.3VCT
SOT-23A-5
1001 011
-40°C to +125°C
TC74A4-3.3VCT
SOT-23A-5
1001 100
-40°C to +125°C
TC74A5-3.3VCT*
SOT-23A-5
1001 101*
-40°C to +125°c
TC74A6-3.3VCT
SOT-23A-5
1001 110
-40°C to +125°C
TC74A7-3.3VCT
SOT-23A-5
1001 111
-40°C to +125°C
TC74A0-5.0VCT
SOT-23A-5
1001 000
-40°C to +125°C
TC74A1-5.0VCT
SOT-23A-5
1001 001
-40°C to +125°C
TC74A2-5.0VCT
SOT-23A-5
1001 010
-40°C to +125°C
TC74A3-5.0VCT
SOT-23A-5
1001 011
-40°C to +125°C
TC74A4-5.0VCT
SOT-23A-5
1001 100
-40°C to +125°C
TC74A5-5.0VCT*
SOT-23A-5
1001 101
-40°C to +125°C
TC74A6-5.0VCT
SOT-23A-5
1001 110
-40°C to +125°C
TC74A7-5.0VCT
SOT-23A-5
1001 111
-40°C to +125°C
TC74A0-3.3VAT
TO-220-5
1001 000
-40°C to +125°C
TC74A1-3.3VAT
TO-220-5
1001 001
-40°C to +125°C
TC74A2-3.3VAT
TO-220-5
1001 010
-40°C to +125°C
TC74A3-3.3VAT
TO-220-5
1001 011
-40°C to +125°C
TC74A4-3.3VAT
TO-220-5
1001 100
-40°C to +125°C
TC74A5-3.3VAT
TO-220-5
1001 101
-40°C to +125°C
TC74A6-3.3VAT
TO-220-5
1001 110
-40°C to +125°C
TC74A7-3.3VAT
TO-220-5
1001 111
-40°C to +125°C
TC74A0-5.0VAT
TO-220-5
1001 000
-40°C to +125°C
TC74A1-5.0VAT
TO-220-5
1001 001
-40°C to +125°C
TC74A2-5.0VAT
TO-220-5
1001 010
-40°C to +125°C
TC74A3-5.0VAT
TO-220-5
1001 011
-40°C to +125°C
TC74A4-5.0VAT
TO-220-5
1001 100
-40°C to +125°C
TC74A5-5.0VAT
TO-220-5
1001 101
-40°C to +125°C
TC74A6-5.0VAT
TO-220-5
1001 110
-40°C to +125°C
TC74A7-5.0VAT
TO-220-5
1001 111
-40°C to +125°C


Similar Part No. - TC74A5-50VAT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC74A5-5.0VAT MICROCHIP-TC74A5-5.0VAT Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
TC74A5-5.0VCT MICROCHIP-TC74A5-5.0VCT Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
TC74A5-5.0VCTTR MICROCHIP-TC74A5-5.0VCTTR Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
More results

Similar Description - TC74A5-50VAT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC74 MICROCHIP-TC74_13 Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
21462C MICROCHIP-21462C Datasheet
325Kb / 16P
   Tiny Serial Digital Thermal Sensor
2002
logo
ON Semiconductor
MC74 ONSEMI-MC74 Datasheet
122Kb / 12P
   Serial Digital Temperature Sensor
February, 2000 ??Rev. 0
logo
STMicroelectronics
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
   Digital temperature sensor and thermal watchdog
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
   Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
logo
STMicroelectronics
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
   Digital temperature sensor and thermal watchdog
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75_08 Datasheet
326Kb / 37P
   Digital temperature sensor and thermal watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com