Electronic Components Datasheet Search |
|
SM5307C Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc |
|
SM5307C Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc |
5 / 12 page SM5307C SEIKO NPC CORPORATION —5 SPECIFICATIONS Absolute Maximum Ratings GND = 0V Recommended Operating Conditions Electrical Characteristics DC Characteristics VCC = 5.0V, Ta = 25°C, fin = 100 kHz, VIN = 1.0Vp-p, RL = 75Ω, unless otherwise noted. Parameter Symbol Condition Rating Unit Supply voltage VCC VCC −0.3 to 6.5 V Input voltage VIN MUXSEL, DISABLE, FC1, FC2, IN1A, IN1B, IN2A, IN2B, IN3A, IN3B GND – 0.3 to VCC + 0.3 V Storage temperature range TSTG −55 to +125 °C Junction temperature TJ 125 °C Power dissipation PD θja = 33°C/W 1.0 W Parameter Symbol Condition Rating Unit Supply voltage VCC 4.75 to 5.25 V Operating ambient temperature range Ta −40 to +85 °C Parameter Symbol Condition Rating Unit Test level min typ max Current consumption 1*1 *1. Total of current consumption of VCC when no input signals. ICC1 DISABLE = “L” – 65 100 mA I Current consumption 2*1 ICC2 DISABLE = “H” (on disable mode) – 1.8 2.5 mA I HIGH-level Input voltage VIH MUXSEL, DISABLE, FC1, FC2, VCC = 4.75 to 5.25V, Ta = –40 to +85 °C 2.0 − –V I LOW-level Input voltage VIL −− 0.8 V I HIGH-level input leakage current ILH MUXSEL, DISABLE, FC1, FC2 −− 1.0 µAI LOW-level input leakage current ILL −− 1.0 µAI |
Similar Part No. - SM5307C |
|
Similar Description - SM5307C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |