Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8172A Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM8172A
Description  2-output Power Supply IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8172A Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM8172A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SM8172A
SEIKO NPC CORPORATION —5
11-3. DC/DC Converter
VIN1 = VIN2 = 5.0V, GND = PGND = 0V, Ta = 25
°C unless otherwise noted.
Parameter
Pin
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption 1
VIN1, 2
IDD1
No load, switching stopped
0.35
0.75
mA
Current consumption 2
VIN1, 2
IDD2
FB = VIN1, LX = Open
2.5
5.5
mA
Soft start time*1*2
*1. The soft start time is the interval during which the output current is limited internally in the IC, and is different from the DC/DC converter output raise
time. If the maximum load current is output after soft start time startup, the output voltage does not fall. But, if the maximum load current is output
before soft start time startup, it should be careful that the output voltage may fall.
The LX starts the switching operation after 42
µs from ENDCO rising. After switching operation startup, the output current limit operates like linear
increase (load current = 0A). The DC/DC converter output voltage rise time varies with the load current, output capacitance, and other conditions.
–tSS
0.2
0.6
1.0
ms
Output voltage range*2
–VDCO
0.8
1.8
V
FB voltage
FB
VFB
0.588
0.6
0.612
V
Maximum output current*2*3
–IDCO
900
mA
Switching frequency
LX
fOSC
1.7
2.0
2.3
MHz
Supply-side switch ON resistance
LX
RONP
IDCO = 50mA
0.3
GND-side switch ON resistance
LX
RONN
IDCO = –50mA
0.3
LX leakage current
LX
ILEAKLX
Standby mode, LX = 1/2VIN
–1.0
1.0
µA
Overcurrent protection circuit
operating current
LX
ILIMITLX
Supply-side switch
1.5
A
ENDCO
Current limit
42
µsec (typ)
High
Low
DCOUT
28
µsec (typ)
1.5A (typ)
1.8V
1.0V
Soft start time
LX switching start


Similar Part No. - SM8172A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM8100B SECOS-SM8100B Datasheet
241Kb / 2P
   8.0 AMP Surface Mount Schottky Barrier Rectifiers
SM8100C SECOS-SM8100C Datasheet
131Kb / 2P
   8.0 AMP Surface Mount Schottky Barrier Rectifiers
SM8100D SECOS-SM8100D Datasheet
279Kb / 2P
   8.0AMP Surface Mount S chottky Barrier Rec tifiers
logo
Goodwork Semiconductor ...
SM8100LBF GWSEMI-SM8100LBF Datasheet
47Kb / 2P
   8.0 AMP LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ANYSOLAR LTD.
SM811K04L ANYSOLAR-SM811K04L Datasheet
609Kb / 6P
   High Efficiency SolarMD.
Rev. Jan. 2021
More results

Similar Description - SM8172A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7685 FAIRCHILD-FAN7685 Datasheet
321Kb / 14P
   PC Power Supply Output Monitoring IC
logo
Sanyo Semicon Device
LV59001M SANYO-LV59001M Datasheet
350Kb / 7P
   Output voltage changeable type Power Supply IC
logo
Renesas Technology Corp
M62015L RENESAS-M62015L Datasheet
87Kb / 6P
   Low Power 2 Output System Reset IC
logo
ON Semiconductor
LV56851UV ONSEMI-LV56851UV Datasheet
961Kb / 27P
   Linear Voltage Regulator, Multiple-Output System Power Supply IC,
April 2016- Rev. 0
LV5680NPVC ONSEMI-LV5680NPVC Datasheet
453Kb / 16P
   Linear Voltage Regulator, Multiple-Output, System Power Supply IC
February 2017- Rev. 1
logo
Fuji Electric
FA5502 FUJI-FA5502 Datasheet
215Kb / 23P
   POWER SUPPLY CONTROL IC
logo
Renesas Technology Corp
M62001L RENESAS-M62001L Datasheet
118Kb / 10P
   Low Power 2 Output System Reset IC Series
logo
Texas Instruments
TWL2203 TI-TWL2203 Datasheet
215Kb / 16P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC
logo
Mitsubishi Electric Sem...
M62001L MITSUBISHI-M62001L Datasheet
87Kb / 6P
   LOW POWER 2 OUTPUT SYSTEM RESET IC SERIES
logo
ATMEL Corporation
ATA6264 ATMEL-ATA6264 Datasheet
1Mb / 83P
   Airbag Power Supply IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com