Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8707E Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM8707E
Description  Clock Generator with Dual PLLs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8707E Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM8707E Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 12Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SM8707E/F
SEIKO NPC CORPORATION - 11
SM8707E/F OUTPUT FREQUENCY LISTING
Output clock frequency [MHz]
Version
FSEL
polarity
(Pin 14)
Sampling
frequency fs
[kHz]
Pin 3
Pin 4
Pin 9
Pin 10
Pin 13
Pin 15
H
48.0
27.0000
27.0000
24.5760
(512fs)
24.5760
(512fs)
33.8688
33.8688
L
44.1
27.0000
27.0000
22.5792
(512fs)
22.5792
(512fs)
33.8688
33.8688
Output load capacitance [pF]
40
25
15
15
15
15
SM8707E
Pin name
MO1
MO2
AO1
AO2
SO1
SO2
H
44.1
27.0000
33.8688
(768fs)
33.8688
(768fs)
16.9344
33.8688
L
48.0
27.0000
-
36.8640
(768fs)
36.8640
(768fs)
16.9344
33.8688
Output load capacitance [pF]
25
-
15
15
25
25
SM8707F
Pin name
MO1
NC
AO1
AO2
SO1
SO2


Similar Part No. - SM8707E

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8707EV NPC-SM8707EV Datasheet
133Kb / 20P
   Clock Generator with Dual PLLs
More results

Similar Description - SM8707E

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8707 NPC-SM8707 Datasheet
133Kb / 20P
   Clock Generator with Dual PLLs
logo
Analog Devices
AD9577 AD-AD9577 Datasheet
672Kb / 44P
   Clock Generator with Dual PLLs
REV. 0
AD9577 AD-AD9577_16 Datasheet
746Kb / 44P
   Clock Generator with Dual PLLs, Spread Spectrum, and Margining
logo
Texas Instruments
CDC5806 TI1-CDC5806_15 Datasheet
340Kb / 13P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR
logo
Integrated Circuit Syst...
MK2049-02 ICST-MK2049-02 Datasheet
148Kb / 12P
   Communications Clock PLLs
logo
Maxim Integrated Produc...
MAX9471 MAXIM-MAX9471 Datasheet
3Mb / 13P
   Multiple-Output Clock Generators with Dual PLLs and OTP
Rev 1; 8/06
logo
Texas Instruments
LMK04208 TI1-LMK04208 Datasheet
1Mb / 138P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
CDC5806 TI-CDC5806 Datasheet
112Kb / 8P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR FOR DIGITAL TV APPLICATIONS
LMK04100EVAL TI1-LMK04100EVAL_14 Datasheet
1Mb / 47P
[Old version datasheet]   Precision Clock Conditioner with Dual PLLs and Integrated VCO
logo
National Semiconductor ...
LMK04800 NSC-LMK04800_14 Datasheet
3Mb / 79P
   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com