Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74A7-5.0VCT Datasheet(PDF) 8 Page - Microchip Technology

Part # TC74A7-5.0VCT
Description  Tiny Serial Digital Thermal Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC74A7-5.0VCT Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC74A7-5.0VCT Datasheet HTML 4Page - Microchip Technology TC74A7-5.0VCT Datasheet HTML 5Page - Microchip Technology TC74A7-5.0VCT Datasheet HTML 6Page - Microchip Technology TC74A7-5.0VCT Datasheet HTML 7Page - Microchip Technology TC74A7-5.0VCT Datasheet HTML 8Page - Microchip Technology TC74A7-5.0VCT Datasheet HTML 9Page - Microchip Technology TC74A7-5.0VCT Datasheet HTML 10Page - Microchip Technology TC74A7-5.0VCT Datasheet HTML 11Page - Microchip Technology TC74A7-5.0VCT Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TC74
DS21462B-page 8
© 2002 Microchip Technology Inc.
FIGURE 3-1:
SMBUS PROTOCOLS
3.3
START Condition (S)
The TC74 continuously monitors the SDA and SCL
lines for a START condition (a HIGH to LOW transition
of SDA while SCL is HIGH) and will not respond until
this condition is met.
3.4
Address Byte
Immediately following the START Condition, the host
must transmit the address byte to the TC74. The states
of A1 and A0 determine the 7-bit SMBus address for
the TC74. The 7-bit address transmitted in the serial bit
stream must match for the TC74 to respond with an
Acknowledge (indicating the TC74 is on the bus and
ready to accept data). The 8-bit in the Address Byte is
a Read/Write Bit. This bit is a ‘1’ for a read operation or
‘0’ for a write operation. During the first phase of any
transfer this bit will be set = 0 to indicate that the
command byte is being written.
3.5
Acknowledge (ACK)
Acknowledge (ACK) provides a positive handshake
between the host and the TC74. The host releases
SDA after transmitting 8 bits. The host then generates
a ninth clock cycle to allow the TC74 to pull the SDA
line LOW. This action acknowledges that the TC74
successfully received the previous eight bits of data or
address.
3.6
Data Byte
After a successful ACK of the address byte, the host
must transmit the data byte to be written or clock in the
data to be read. (See the appropriate timing diagrams).
ACK will be generated after a successful write of a data
byte into the TC74.
3.7
STOP Condition (P)
Communications must be terminated by a STOP
condition (a LOW to HIGH transition of SDA while SCL
is HIGH). The STOP Condition must be communicated
by the transmitter to the TC74. NOTE: Refer to Timing
Diagrams for serial bus timing.
S
Address
WR
ACK
Command
ACK
Data
ACK
P
8 Bits
7 Bits
8 Bits
Slave Address
Command Byte: selects
which register you are
writing to.
Data Byte: data goes
into the register set
by the command byte.
Write Byte Format
Read Byte Format
S Address
WR
ACK
Command
ACK
S
Address
RD ACK
Data
NACK P
7 Bits
8 Bits
7 Bits
8 Bits
Slave Address
Command Byte: selects
which register you are
reading from.
Slave Address: repeated
due to change in data-
flow direction.
Data Byte: reads from
the register set by the
command byte.
Receive Byte Format
S
Address
RD ACK
Data
Nack
P
7 Bits
8 Bits
Data Byte: reads data from
the register commanded by
the last Read Byte or Write
Byte transmission.
S = START Condition
P = STOP Condition
Shaded = Slave Transmission


Similar Part No. - TC74A7-5.0VCT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC74A7-5.0VCT MICROCHIP-TC74A7-5.0VCT Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
TC74A7-5.0VCT MICROCHIP-TC74A7-5.0VCT Datasheet
325Kb / 16P
   Tiny Serial Digital Thermal Sensor
2002
TC74A7-5.0VCTTR MICROCHIP-TC74A7-5.0VCTTR Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
More results

Similar Description - TC74A7-5.0VCT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC74 MICROCHIP-TC74_13 Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
21462C MICROCHIP-21462C Datasheet
325Kb / 16P
   Tiny Serial Digital Thermal Sensor
2002
logo
ON Semiconductor
MC74 ONSEMI-MC74 Datasheet
122Kb / 12P
   Serial Digital Temperature Sensor
February, 2000 ??Rev. 0
logo
STMicroelectronics
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
   Digital temperature sensor and thermal watchdog
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
   Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
logo
STMicroelectronics
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
   Digital temperature sensor and thermal watchdog
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75_08 Datasheet
326Kb / 37P
   Digital temperature sensor and thermal watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com