Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1963A-15 Datasheet(PDF) 1 Page - Texas Instruments

Part # TL1963A-15
Description  TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1963A-15 Datasheet(HTML) 1 Page - Texas Instruments

  TL1963A-15 Datasheet HTML 1Page - Texas Instruments TL1963A-15 Datasheet HTML 2Page - Texas Instruments TL1963A-15 Datasheet HTML 3Page - Texas Instruments TL1963A-15 Datasheet HTML 4Page - Texas Instruments TL1963A-15 Datasheet HTML 5Page - Texas Instruments TL1963A-15 Datasheet HTML 6Page - Texas Instruments TL1963A-15 Datasheet HTML 7Page - Texas Instruments TL1963A-15 Datasheet HTML 8Page - Texas Instruments TL1963A-15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
0
50
100
150
200
250
300
350
400
450
500
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Output Current – A
TA = 25°C
TA = 125°C
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TL1963A, TL1963A-15, TL1963A-18, TL1963A-25, TL1963A-33
SLVS719G – JUNE 2008 – REVISED JANUARY 2015
TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
1 Features
3 Description
The TL1963A-xx devices are low-dropout (LDO)
1
Optimized for Fast Transient Response
regulators optimized for fast transient response. The
Output Current: 1.5 A
device can supply 1.5 A of output current with a
Dropout Voltage: 340 mV
dropout voltage of 340 mV. Operating quiescent
current is 1 mA, dropping to less than 1
μA in
Low Noise: 40
μVRMS (10 Hz to 100 kHz)
shutdown. Quiescent current is well controlled; it does
1-mA Quiescent Current
not rise in dropout as with many other regulators. In
No Protection Diodes Needed
addition to fast transient response, the TL1963A-xx
regulators have very low output noise, which makes
Controlled Quiescent Current in Dropout
them ideal for sensitive RF supply applications.
Fixed Output Voltages: 1.5 V, 1.8 V, 2.5 V, 3.3 V
Adjustable Output from 1.21 V to 20 V (TL1963A
Device Information(1)
Only)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Less Than 1-
μA Quiescent Current in Shutdown
SOT (6)
6.50 mm × 3.50 mm
TL1963A
Stable With 10-
μF Ceramic Output Capacitor
TO-263 (5)
10.16 mm × 8.42 mm
Reverse-Battery Protection
SOT (6)
6.50 mm × 3.50 mm
Reverse-Current Protection
TL1963A-15
SOT (4)
TO-263 (5)
10.16 mm × 8.42 mm
2 Applications
SOT (6)
6.50 mm × 3.50 mm
Industrial
TL1963A-18
SOT (4)
Wireless Infrastructure
TO-263 (5)
10.16 mm × 8.42 mm
SOT (6)
Radio-Frequency Systems
6.50 mm × 3.50 mm
TL1963A-25
SOT (4)
3.3-V to 2.5-V Logic Power Supplies
TO-263 (5)
10.16 mm × 8.42 mm
Post Regulator for Switching Supplies
SOT (6)
6.50 mm × 3.50 mm
TL1963A-33
SOT (4)
TO-263 (5)
10.16 mm × 8.42 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
Dropout Voltage vs Output Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TL1963A-15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1963A-15 TI-TL1963A-15 Datasheet
805Kb / 26P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-15 TI-TL1963A-15 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-15 TI1-TL1963A-15 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-15DCQR TI-TL1963A-15DCQR Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-15DCQR TI-TL1963A-15DCQR Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
More results

Similar Description - TL1963A-15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX_09 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-Q1 TI1-TL1963A-Q1 Datasheet
612Kb / 23P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX Datasheet
805Kb / 26P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Texas Instruments
TPS73801 TI-TPS73801_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com