Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV701 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV701
Description  24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV701 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV701_15 Datasheet HTML 4Page - Texas Instruments TLV701_15 Datasheet HTML 5Page - Texas Instruments TLV701_15 Datasheet HTML 6Page - Texas Instruments TLV701_15 Datasheet HTML 7Page - Texas Instruments TLV701_15 Datasheet HTML 8Page - Texas Instruments TLV701_15 Datasheet HTML 9Page - Texas Instruments TLV701_15 Datasheet HTML 10Page - Texas Instruments TLV701_15 Datasheet HTML 11Page - Texas Instruments TLV701_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
15-Nov-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TLV70130DBVR
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
YBVA
TLV70130DBVT
ACTIVE
SOT-23
DBV
5
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
YBVA
TLV70133DBVR
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
YBWA
TLV70133DBVT
ACTIVE
SOT-23
DBV
5
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
YBWA
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.


Similar Part No. - TLV701_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7011 TI1-TLV7011 Datasheet
995Kb / 18P
[Old version datasheet]   Micro-Package, Micro-Power, Low-Voltage Comparators
TLV7011 TI1-TLV7011 Datasheet
1Mb / 33P
[Old version datasheet]   Small-Size, Micro-Power, Low-Voltage Comparators
TLV7011 TI1-TLV7011 Datasheet
1Mb / 38P
[Old version datasheet]   Small-size, micro-power, low-voltage comparators
TLV7011 TI1-TLV7011 Datasheet
1Mb / 41P
[Old version datasheet]   TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
TLV7011 TI1-TLV7011 Datasheet
2Mb / 42P
[Old version datasheet]   TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
More results

Similar Description - TLV701_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70433PKR TI-TLV70433PKR Datasheet
797Kb / 15P
[Old version datasheet]   24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV70130 TI1-TLV70130 Datasheet
592Kb / 13P
[Old version datasheet]   24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV701XX TI1-TLV701XX Datasheet
552Kb / 14P
[Old version datasheet]   24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV70430 TI1-TLV70430 Datasheet
655Kb / 15P
[Old version datasheet]   24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV704 TI-TLV704_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TLV704 24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
REVISED JANUARY 2015
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
logo
ON Semiconductor
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
logo
Texas Instruments
TPS7B82-Q1 TI1-TPS7B82-Q1_18 Datasheet
1,001Kb / 22P
[Old version datasheet]   300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1 Datasheet
263Kb / 15P
[Old version datasheet]   300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1_19 Datasheet
1Mb / 27P
[Old version datasheet]   300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com