Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV713P-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV713P-Q1
Description  TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV713P-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV713P-Q1 Datasheet HTML 7Page - Texas Instruments TLV713P-Q1 Datasheet HTML 8Page - Texas Instruments TLV713P-Q1 Datasheet HTML 9Page - Texas Instruments TLV713P-Q1 Datasheet HTML 10Page - Texas Instruments TLV713P-Q1 Datasheet HTML 11Page - Texas Instruments TLV713P-Q1 Datasheet HTML 12Page - Texas Instruments TLV713P-Q1 Datasheet HTML 13Page - Texas Instruments TLV713P-Q1 Datasheet HTML 14Page - Texas Instruments TLV713P-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
t
=
120·R
L
120+R
L
·C
OUT
TLV713P-Q1
www.ti.com
SBVS266 – MAY 2015
7.3 Feature Description
7.3.1 Undervoltage Lockout (UVLO)
The TLV713P-Q1 uses a UVLO circuit that disables the output until the input voltage is greater than the rising
UVLO voltage. This circuit ensures that the device does not exhibit any unpredictable behavior when the supply
voltage is lower than the operational range of the internal circuitry, VIN(min). During UVLO disable, the output of
the TLV713P-Q1 is connected to ground with a 120-
Ω pulldown resistor.
7.3.2 Shutdown
The enable pin (EN) is active high. Enable the device by forcing the EN pin to exceed VEN(high) (0.9 V, minimum).
Turn off the device by forcing the EN pin to drop below 0.4 V. If shutdown capability is not required, connect EN
to IN.
The TLV713P-Q1 has an internal pulldown MOSFET that connects a 120-
Ω resistor to ground when the device is
disabled. The discharge time after disabling depends on the output capacitance (COUT) and the load resistance
(RL) in parallel with the 120-Ω pulldown resistor. The time constant is calculated in Equation 1.
(1)
7.3.3 Foldback Current Limit
The TLV713P-Q1 has an internal foldback current limit that helps protect the regulator during fault conditions.
The current supplied by the device is gradually reduced when the output voltage decreases. When the output is
shorted, the LDO supplies a typical current of 40 mA. Output voltage is not regulated when the device is in
current limit, and is calculated by Equation 2:
VOUT = ILIMIT × RLOAD
(2)
The PMOS pass transistor dissipates [(VIN – VOUT) × ILIMIT] until thermal shutdown is triggered and the device
turns off. The device is turned on by the internal thermal shutdown circuit during cool down. If the fault condition
continues, the device cycles between current limit and thermal shutdown. See the Thermal Information section
for more details.
The TLV713P-Q1 PMOS pass element has a built-in body diode that conducts current when the voltage at OUT
exceeds the voltage at IN. This current is not limited, so if extended reverse voltage operation is anticipated,
external limiting to 5% of the rated output current is recommended.
7.3.4 Thermal Protection
Thermal protection disables the output when the junction temperature rises to approximately 158°C, allowing the
device to cool. When the junction temperature cools to approximately 140°C, the output circuitry is again
enabled. Depending on power dissipation, thermal resistance, and ambient temperature, the thermal protection
circuit may cycle on and off. This cycling limits regulator dissipation, protecting the device from damage as a
result of overheating.
Any tendency to activate the thermal protection circuit indicates excessive power dissipation or an inadequate
heatsink. For reliable operation, junction temperature must be limited to 125°C maximum. To estimate the margin
of safety in a complete design (including heatsink), increase the ambient temperature until the thermal protection
is triggered; use worst-case loads and signal conditions.
The TLV713P-Q1 internal protection circuitry is designed to protect against overload conditions. This circuitry is
not intended to replace proper heatsinking. Continuously running the TLV713P-Q1 into thermal shutdown
degrades device reliability.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLV713P-Q1


Similar Part No. - TLV713P-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV713P TI-TLV713P Datasheet
1Mb / 26P
[Old version datasheet]   Check for Samples: TLV713, TLV713P
More results

Similar Description - TLV713P-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P Datasheet
1Mb / 27P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717P TI1-TLV717P_16 Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV71330PDQNR TI1-TLV71330PDQNR Datasheet
1Mb / 26P
[Old version datasheet]   Capacitor-Free, 150-mA, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com