Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA18362T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TEA18362T
Description  GreenChip SMPS control IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA18362T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TEA18362T Datasheet HTML 4Page - NXP Semiconductors TEA18362T Datasheet HTML 5Page - NXP Semiconductors TEA18362T Datasheet HTML 6Page - NXP Semiconductors TEA18362T Datasheet HTML 7Page - NXP Semiconductors TEA18362T Datasheet HTML 8Page - NXP Semiconductors TEA18362T Datasheet HTML 9Page - NXP Semiconductors TEA18362T Datasheet HTML 10Page - NXP Semiconductors TEA18362T Datasheet HTML 11Page - NXP Semiconductors TEA18362T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TEA18362T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 12 December 2013
8 of 29
NXP Semiconductors
TEA18362T
GreenChip SMPS control IC
7.4 Mains voltage measuring
In a typical application, the mains input voltage is measured using the HV pin.
Once per ms the mains voltage is measured by pulling down the HV pin to ground and
measuring its current. This current then reflects the input voltage.
The system determines if the mains voltage exceeds the brownin level or it is
disconnected using an analog-to-digital converter and digital control (see Figure 1).
Once the mains is above the brownin level, the system is allowed to start switching
(see Figure 6).
If the mains voltage is continuously below the brownout level for a period of at least
30 ms, a brownout is detected and the system immediately stops switching. This period is
required to avoid that the system stops switching due to the zero crossings of the mains or
during a short mains interruption.
When the mains voltage is measured by pulling the HV pin to ground, the digital control
calculates if there is a positive dV/dt at the mains. A positive dV/dt implies that a mains is
connected.
Once a mains is detected, the measuring of the mains input voltage is stopped for a
period of 6 ms to improve efficiency. In burst mode this waiting period is enlarged to 97 ms
to improve efficiency.
A positive dV/dt is measured when succeeding samples cross the brownin level (Ibi(HV)) or
the mains high level (IIH(HV); see Figure 7).
Fig 6.
Mains voltage measuring
Fig 7.
Detecting mains connection by +dV/dt


Similar Part No. - TEA18362T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA18362LT PHILIPS-TEA18362LT Datasheet
268Kb / 29P
   GreenChip SMPS control IC
Rev. 2-12 December 2013
More results

Similar Description - TEA18362T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com