Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1892ATS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TEA1892ATS
Description  GreenChip synchronous rectifier controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1892ATS Datasheet(HTML) 4 Page - NXP Semiconductors

  TEA1892ATS Datasheet HTML 1Page - NXP Semiconductors TEA1892ATS Datasheet HTML 2Page - NXP Semiconductors TEA1892ATS Datasheet HTML 3Page - NXP Semiconductors TEA1892ATS Datasheet HTML 4Page - NXP Semiconductors TEA1892ATS Datasheet HTML 5Page - NXP Semiconductors TEA1892ATS Datasheet HTML 6Page - NXP Semiconductors TEA1892ATS Datasheet HTML 7Page - NXP Semiconductors TEA1892ATS Datasheet HTML 8Page - NXP Semiconductors TEA1892ATS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TEA1892ATS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 10 April 2014
4 of 13
NXP Semiconductors
TEA1892ATS
GreenChip synchronous rectifier controller
7.
Functional description
7.1 Introduction
The TEA1892ATS is the controller for synchronous rectification used in discontinuous
conduction mode and quasi-resonant flyback converters.
7.2 Start-up and UnderVoltage LockOut (UVLO)
The IC leaves the undervoltage lockout state and activates the synchronous rectifier
circuitry when the voltage on the VCC pin is above 8.5 V (typical). When the voltage drops
below 8.0 V (typical), the undervoltage lockout state is entered again and the SR driver
output is actively kept low.
7.3 Synchronous rectification
After a negative voltage lower than Vact(drv) (220 mV typical) is sensed on the SRSENSE
pin, the driver output voltage is driven HIGH. Then the external MOSFET is switched on.
When the SRSENSE voltage rises to Vreg(drv) (42 mV/30 mV) the driver output voltage
is regulated to maintain the Vreg(drv) on the SRSENSE pin. When the SRSENSE voltage is
above the Vdeact(drv) level (12 mV typical), the driver output is pulled to ground.
After switch-on of the SR MOSFET, the input signal on the SRSENSE pin is blanked
during the tact(sr)(min) (0.8 s typical). This action eliminates false switch-off due to high
frequency ringing at the start of the secondary stroke.
When the voltage on the SRSENSE pin is Vreg(drv), the driver output voltage is reduced.
This reduction enables the external power switch to be switched off quickly when the
current through the switch reaches zero. The zero current switch-off removes the need for
a separate Standby mode to maintain high efficiency during the no-load operation. The
zero current is detected by sensing a Vdeact(drv) (12 mV typical) level on the SRSENSE
pin (see Figure 3).


Similar Part No. - TEA1892ATS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1892TS PHILIPS-TEA1892TS Datasheet
136Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-9 April 2014
More results

Similar Description - TEA1892ATS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1792ATS NXP-TEA1792ATS Datasheet
324Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1761T NXP-TEA1761T Datasheet
83Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1998TS NXP-TEA1998TS Datasheet
230Kb / 18P
   GreenChip synchronous rectifier controller
Rev. 1-16 February 2017
TEA2093TS NXP-TEA2093TS Datasheet
273Kb / 19P
   GreenChip synchronous rectifier controller
Rev. 1 ??7 June 2022
TEA1762T PHILIPS-TEA1762T Datasheet
81Kb / 15P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1792AT NXP-TEA1792AT Datasheet
330Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1999TK NXP-TEA1999TK Datasheet
255Kb / 21P
   GreenChip synchronous rectifier controller
Rev. 2-3 November 2017
TEA1795T PHILIPS-TEA1795T Datasheet
142Kb / 14P
   GreenChip synchronous rectifier controller
Rev. 1-4 November 2010
TEA1993TS NXP-TEA1993TS Datasheet
207Kb / 20P
   GreenChip synchronous rectifier controller
Rev.1.1-14 September 2016
TEA1791T NXP-TEA1791T_V01 Datasheet
257Kb / 12P
   GreenChip synchronous rectifier controller
Rev. 02-7 June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com