Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV117112DCYR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV117112DCYR
Description  1-A, Positive Fixed-Voltage, Low-Dropout Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV117112DCYR Datasheet(HTML) 5 Page - Texas Instruments

  TLV117112DCYR Datasheet HTML 1Page - Texas Instruments TLV117112DCYR Datasheet HTML 2Page - Texas Instruments TLV117112DCYR Datasheet HTML 3Page - Texas Instruments TLV117112DCYR Datasheet HTML 4Page - Texas Instruments TLV117112DCYR Datasheet HTML 5Page - Texas Instruments TLV117112DCYR Datasheet HTML 6Page - Texas Instruments TLV117112DCYR Datasheet HTML 7Page - Texas Instruments TLV117112DCYR Datasheet HTML 8Page - Texas Instruments TLV117112DCYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
1.9
1.85
1.8
1.75
1.7
+125 C
+85 C
+25 C
40 C
-
°
°
°
°
V
= 1.8 V
I
= 10 mA
OUT
OUT
3.3
3.5
3.7
3.9
4.1 4.3
4.7
5.1
5.5
Input Voltage (V)
1.9
1.85
1.8
1.75
1.7
+85 C
+25 C
40 C
-
°
°
°
V
= 1.8 V
I
= 1 A
OUT
OUT
4.5
4.9
5.3
0
100
200
300
400
500
600
700
1000
Output Current (mA)
1.9
1.85
1.8
1.75
1.7
+125 C
+85 C
+25 C
40 C
-
°
°
°
°
800
900
V
= 1.8 V
OUT
2
2.5
3
3.5
4
4.5
1200
1000
800
600
400
200
0
Input Voltage (V)
+85 C
+25 C
40 C
-
°
°
°
600
500
400
300
200
100
0
0
100
200
300
400
500
600
700
800
900 1000
Output Current (mA)
+125 C
+85 C
+25 C
40 C
-
°
°
°
°
-40
-25
-10
5
20
35
65
95
125
Temperature (
)
C
°
1.9
1.85
1.8
1.75
1.7
V
= 1.8 V
OUT
50
80
110
10 mA
500 mA
TLV1171
www.ti.com
SBVS177 – APRIL 2012
TYPICAL CHARACTERISTICS
At TA = +25°C, VIN = VOUT(TYP) + 1.5 V; IOUT = 10 mA, and COUT = 1.0 μF, unless otherwise noted.
LINE REGULATION
LINE REGULATION
Figure 2.
Figure 3.
LOAD REGULATION
DROPOUT VOLTAGE vs INPUT VOLTAGE
Figure 4.
Figure 5.
DROPOUT VOLTAGE vs OUTPUT CURRENT
OUTPUT VOLTAGE vs TEMPERATURE
Figure 6.
Figure 7.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TLV117112DCYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
More results

Similar Description - TLV117112DCYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV TI1-TLV1117LV Datasheet
637Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
SEPTEMBER2011
TLV1117LV33DCYT TI-TLV1117LV33DCYT Datasheet
903Kb / 19P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1117LV12 TI1-TLV1117LV12 Datasheet
698Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1117LV TI-TLV1117LV_15 Datasheet
901Kb / 24P
[Old version datasheet]   TLV1117LV 1-A, Positive Fixed-Voltage, Low-Dropout Regulator
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
   1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
TC55 MICROCHIP-TC55_05 Datasheet
383Kb / 18P
   1 關A Low Dropout Positive Voltage Regulator
2005
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com