Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6130A2 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPA6130A2
Description  TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6130A2 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA6130A2_15 Datasheet HTML 4Page - Texas Instruments TPA6130A2_15 Datasheet HTML 5Page - Texas Instruments TPA6130A2_15 Datasheet HTML 6Page - Texas Instruments TPA6130A2_15 Datasheet HTML 7Page - Texas Instruments TPA6130A2_15 Datasheet HTML 8Page - Texas Instruments TPA6130A2_15 Datasheet HTML 9Page - Texas Instruments TPA6130A2_15 Datasheet HTML 10Page - Texas Instruments TPA6130A2_15 Datasheet HTML 11Page - Texas Instruments TPA6130A2_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
1
10
0.01
0.1
0.001
100m
1m
10m
100m
1
P
- Output Power - W
O
V
= 3 V
DD
V
= 3.6 V
DD
V
= 5 V
DD
V
= 2.5 V
DD
1
10
0.01
0.1
0.001
100m
1m
10m
100m
1
P
- Output Power - W
O
V
= 3.6 V
DD
V
= 3 V
DD
V
= 5 V
DD
V
= 2.5 V
DD
1
10
0.01
0.1
0.001
100m
1m
10m
100m
1
P
- Output Power - W
O
In Phase
Out of Phase
10
1
0.1
0.01
0.001
100m
1m
100m
10m
1
P
- Output Power - W
O
In Phase
Out of Phase
TPA6130A2
SLOS488F – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
7.8 Typical Characteristics
C(PUMP, DECOUPLE, ,BYPASS, CPVSS) = 1 μF, CI = 2.2µF.
All THD + N graphs taken with outputs out of phase (unless otherwise noted).
Table 1. Table of Graphs
FIGURE
Total harmonic distortion + noise
vs Output power
Figure 3–Figure 8
Total harmonic distortion + noise
vs Frequency
Figure 9–Figure 22
Supply voltage rejection ratio
vs Frequency
Figure 23–Figure 25
Common mode rejection ratio
vs Frequency
Figure 26, Figure 27
Output power
vs Load
Figure 28, Figure 29
Output voltage
vs Load
Figure 30, Figure 31
Power Dissipation
vs Output power
Figure 32
Differential Input Impedance
vs Gain
Figure 33
Shutdown time
Figure 46
Startup time
Figure 47
RL = 16 Ω
Gain = 6.1 dB
fIN = 1 kHz
RL = 32 Ω
Gain = 0.1 dB
VDD = 3.6
BTL
fIN = 1 kHz
Stereo
Figure 3. Total Harmonic Distortion + Noise
Figure 4. Total Harmonic Distortion + Noise
vs Output Power
vs Output Power
RL = 16 Ω
Gain = 0.1 dB
fIN = 1 kHz
RL = 32 Ω
Gain = 0.1 dB
fIN = 1 kHz
Stereo
Stereo
Figure 5. Total Harmonic Distortion + Noise
Figure 6. Total Harmonic Distortion + Noise
vs Output Power
vs Output Power
8
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPA6130A2


Similar Part No. - TPA6130A2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results

Similar Description - TPA6130A2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com