Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1723AT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TEA1723AT
Description  HV start-up flyback controller with integrated MOSFET for 11 W applications, 430 Hz burst frequency
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1723AT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEA1723AT Datasheet HTML 3Page - NXP Semiconductors TEA1723AT Datasheet HTML 4Page - NXP Semiconductors TEA1723AT Datasheet HTML 5Page - NXP Semiconductors TEA1723AT Datasheet HTML 6Page - NXP Semiconductors TEA1723AT Datasheet HTML 7Page - NXP Semiconductors TEA1723AT Datasheet HTML 8Page - NXP Semiconductors TEA1723AT Datasheet HTML 9Page - NXP Semiconductors TEA1723AT Datasheet HTML 10Page - NXP Semiconductors TEA1723AT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TEA1723AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2.1 — 7 June 2012
7 of 14
NXP Semiconductors
TEA1723AT
HV start-up flyback controller with integrated MOSFET for 11 W
6.
Limiting values
[1]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
7.
Thermal characteristics
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Tamb
ambient temperature
-40
+85
°C
Tj
junction temperature
-40
+150
°C
Tstg
storage temperature
-55
+150
°C
VESD
electrostatic discharge voltage
CDM; all pins
-500
+500
V
HBM; all pins, except pin 7
[1]
-2000
+2000 V
HBM; pin 7
[1]
-1000
+1000 V
Voltages
VDRAIN
voltage on pin DRAIN
-2
+700
V
VSOURCE
voltage on pin SOURCE
-0.3
+5
V
VCC
voltage on pin VCC
-0.3
+35
V
VFB
voltage on pin FB
-20
+5
V
Currents
IDRAIN
current on pin DRAIN
-0.1
+1.5
A
ISOURCE
current on pin SOURCE
-1.5
+0.1
A
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance
from junction to
ambient
in free air; SO7 package; on open PCB
of 2.2 cm X 2.2 cm; 2-layer; 70 µm Cu
-
136
-
K/W
in free air; SO7 package; on open PCB
of 3 cm X 6 cm; 1-layer; 35 µm Cu
operating charger
-
136
-
K/W


Similar Part No. - TEA1723AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1723BT PHILIPS-TEA1723BT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 905 Hz burst frequency
Rev. 2.2-7 June 2012
TEA1723DT PHILIPS-TEA1723DT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 1270 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723FT PHILIPS-TEA1723FT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 1750 Hz burst frequency
Rev. 2.1-7 June 2012
More results

Similar Description - TEA1723AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1721AT NXP-TEA1721AT_V01 Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
TEA1723DT PHILIPS-TEA1723DT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 1270 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723FT PHILIPS-TEA1723FT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 1750 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723BT PHILIPS-TEA1723BT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 905 Hz burst frequency
Rev. 2.2-7 June 2012
TEA1721FT PHILIPS-TEA1721FT Datasheet
201Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 1750 Hz burst frequency
Rev. 1.1-7 June 2012
TEA1721DT PHILIPS-TEA1721DT Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 1270 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1721BT NXP-TEA1721BT Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 905 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
TEA1755T NXP-TEA1755T_V01 Datasheet
331Kb / 35P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
TEA1753T PHILIPS-TEA1753T Datasheet
346Kb / 32P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com