Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1721FT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TEA1721FT
Description  HV start-up flyback controller with integrated MOSFET for 5 W applications, 1750 Hz burst frequency
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1721FT Datasheet(HTML) 4 Page - NXP Semiconductors

  TEA1721FT Datasheet HTML 1Page - NXP Semiconductors TEA1721FT Datasheet HTML 2Page - NXP Semiconductors TEA1721FT Datasheet HTML 3Page - NXP Semiconductors TEA1721FT Datasheet HTML 4Page - NXP Semiconductors TEA1721FT Datasheet HTML 5Page - NXP Semiconductors TEA1721FT Datasheet HTML 6Page - NXP Semiconductors TEA1721FT Datasheet HTML 7Page - NXP Semiconductors TEA1721FT Datasheet HTML 8Page - NXP Semiconductors TEA1721FT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TEA1721FT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1.1 — 7 June 2012
4 of 14
NXP Semiconductors
TEA1721FT
HV start-up flyback controller with integrated MOSFET for 5 W
4.
Pinning information
4.1 Pinning
4.2 Pin description
5.
Functional description
5.1 Start-up
The TEA1721 starts up by charging the VCC capacitor until the VCC(start) level. The
charging current flows from the high voltage DRAIN pin via an internal start-up current
source to the VCC pin.
Once the start level has been reached the start-up current source is switched off. During
switching operation, the start-up current source remains current-less and has zero
bleeder loss.
5.2 Primary sensing
The FB input senses the reflected secondary voltage on the primary side. The FB input
has a sample and hold function that samples the FB voltage on the secondary stroke to
control the output voltage.
The sampled VFBS voltage is the input for the TEA1721’s control loop and defines the
operating mode.
Fig 2.
Pinning top view
TEA1721
GND1
DRAIN
GND2
GND3
SOURCE
FB
VCC
001aan294
1
2
3
4
6
5
7
Pin
Pin name
I/O type
Pin description
1
GND1
ground
2
GND2
ground
3
GND3
ground
4
FB
I
feedback input for voltage sensing
5
VCC
I
supply input
6
SOURCE
O
source for power switch
7
DRAIN
I
drain of power switch
-
-
high voltage spacer


Similar Part No. - TEA1721FT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1721AT PHILIPS-TEA1721AT Datasheet
142Kb / 14P
   Ultra-low standby SMPS controller with integrated power switch
Rev. 1-24 January 2012
TEA1721AT NXP-TEA1721AT Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
TEA1721AT-N1 PHILIPS-TEA1721AT-N1 Datasheet
142Kb / 14P
   Ultra-low standby SMPS controller with integrated power switch
Rev. 1-24 January 2012
TEA1721AT/N1 NXP-TEA1721AT/N1 Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
TEA1721AT NXP-TEA1721AT_V01 Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
More results

Similar Description - TEA1721FT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1723FT PHILIPS-TEA1723FT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 1750 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1721AT NXP-TEA1721AT_V01 Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
TEA1721DT PHILIPS-TEA1721DT Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 1270 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1721BT NXP-TEA1721BT Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 905 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723DT PHILIPS-TEA1723DT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 1270 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723AT PHILIPS-TEA1723AT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 430 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723BT PHILIPS-TEA1723BT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 905 Hz burst frequency
Rev. 2.2-7 June 2012
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
TEA1755T NXP-TEA1755T_V01 Datasheet
331Kb / 35P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
TEA1753T PHILIPS-TEA1753T Datasheet
346Kb / 32P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com