Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1708T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TEA1708T
Description  GreenChip X capacitor discharge IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1708T Datasheet(HTML) 4 Page - NXP Semiconductors

  TEA1708T Datasheet HTML 1Page - NXP Semiconductors TEA1708T Datasheet HTML 2Page - NXP Semiconductors TEA1708T Datasheet HTML 3Page - NXP Semiconductors TEA1708T Datasheet HTML 4Page - NXP Semiconductors TEA1708T Datasheet HTML 5Page - NXP Semiconductors TEA1708T Datasheet HTML 6Page - NXP Semiconductors TEA1708T Datasheet HTML 7Page - NXP Semiconductors TEA1708T Datasheet HTML 8Page - NXP Semiconductors TEA1708T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TEA1708T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 25 September 2013
4 of 11
NXP Semiconductors
TEA1708T
GreenChip X capacitor discharge IC
8.
Limiting values
[1]
Equivalent to discharging a 100 pF capacitor through a 1.5 k
 series resistor.
[2]
Equivalent to discharging a 200 pF capacitor through a 0.75
H coil and a 10  resistor.
9.
Thermal characteristics
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Voltages
VTMR1-TMR2
voltage between pin TMR1
and pin TMR2
0
A>I
dch(tmr) <10 A
0.4
+3.5
V
VHV1-HV2
voltage between pin HV1
and pin HV2
normal operation, so no
mains surge
410
+410
V
Currents
IHV
current on pin HV
on both HV pins;
t < 2 ms, during mains
surge
15
+15
mA
General
Ptot
total power dissipation
Tamb <75 C-
0.5
W
Tstg
storage temperature
55
+150
C
Tj
junction temperature
40
+150
C
ESD
VESD
electrostatic discharge
voltage
class 1
human body model;
pins HV1 and HV2
[1] -
1000
V
human body model;
all other pins
-
4000
V
charged device
model; all pins
[2] -
750
V
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air; JEDEC test
board
160
K/W
Rth(j-c)
thermal resistance from junction
to case
in free air; JEDEC test
board
72
K/W


Similar Part No. - TEA1708T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1708T NXP-TEA1708T Datasheet
210Kb / 12P
   GreenChip X capacitor discharge IC
Rev. 1.1 ??6 April 2020
TEA1708T/1 NXP-TEA1708T/1 Datasheet
210Kb / 12P
   GreenChip X capacitor discharge IC
Rev. 1.1 ??6 April 2020
TEA1708T NXP-TEA1708T_V01 Datasheet
210Kb / 12P
   GreenChip X capacitor discharge IC
Rev. 1.1 ??6 April 2020
More results

Similar Description - TEA1708T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1708T NXP-TEA1708T_V01 Datasheet
210Kb / 12P
   GreenChip X capacitor discharge IC
Rev. 1.1 ??6 April 2020
TEA19363T NXP-TEA19363T Datasheet
327Kb / 34P
   GreenChip SMPS primary side control IC with QR/DCM operation and X-capacitor discharge
Rev. 1-20 October 2016
TEA19363LT NXP-TEA19363LT Datasheet
330Kb / 35P
   GreenChip SMPS primary side control IC with QR/DCM operation and active x-capacitor discharge
Rev. 1-24 October 2016
logo
Power Integrations, Inc...
CAP004DG-TL POWERINT-CAP004DG-TL Datasheet
604Kb / 8P
   Zero1 Loss Automatic X Capacitor Discharge IC
CAP002DG POWERINT-CAP002DG Datasheet
604Kb / 8P
   Zero Loss Automatic X Capacitor Discharge IC
CAP200DG POWERINT-CAP200DG Datasheet
681Kb / 8P
   Zero1 Loss Automatic X Capacitor Discharge IC
November 2018
CAP002DG-TL POWERINT-CAP002DG-TL Datasheet
604Kb / 8P
   Zero Loss Automatic X Capacitor Discharge IC
logo
NXP Semiconductors
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
TEA1733T_1307 NXP-TEA1733T_1307 Datasheet
148Kb / 21P
   GreenChip SMPS control IC
Rev. 7-11 July 2013
TEA18363T PHILIPS-TEA18363T Datasheet
246Kb / 27P
   GreenChip SMPS control IC
Rev. 2-12 December 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com