Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6138A2 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPA6138A2
Description  TPA6138A2 DirectPath??Headphone Driver With Adjustable Gain
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6138A2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA6138A2_15 Datasheet HTML 7Page - Texas Instruments TPA6138A2_15 Datasheet HTML 8Page - Texas Instruments TPA6138A2_15 Datasheet HTML 9Page - Texas Instruments TPA6138A2_15 Datasheet HTML 10Page - Texas Instruments TPA6138A2_15 Datasheet HTML 11Page - Texas Instruments TPA6138A2_15 Datasheet HTML 12Page - Texas Instruments TPA6138A2_15 Datasheet HTML 13Page - Texas Instruments TPA6138A2_15 Datasheet HTML 14Page - Texas Instruments TPA6138A2_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
cIN
IN
IN
IN
cIN
IN
1
1
f
=
C
=
2 R
C
2 f
R
or
p
p
TPA6138A2
www.ti.com
SLOS704B – JANUARY 2011 – REVISED AUGUST 2015
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The TPA6138A2 starts its operation by asserting the MUTE pin to logic 1. The device enters in mute mode when
pulling low MUTE pin. The charge pump generates a negative supply voltage. The charge pump flying capacitor
connected between CP and CN transfers charge to generate the negative supply voltage. The output voltages
are capable of positive and negative voltage swings and are centered close to 0 V, eliminating the need for
output capacitors. Input coupling capacitors block any dc bias from the audio source and ensure maximum
dynamic range. The device has built-in pop suppression circuitry to completely eliminate pop noise during turn-
on, turn-off and enter or exit shutdown mode.
10.1.1 Gain-Setting Resistor Ranges
The gain-setting resistors, RIN and Rfb, must be chosen so that noise, stability, and input capacitor size of the
TPA6138A2 are kept within acceptable limits. Voltage gain is defined as Rfb divided by RIN.
Selecting values that are too low demands a large input ac-coupling capacitor, CIN. Selecting values that are too
high increases the noise of the amplifier. Table 1 lists the recommended resistor values for different inverting-
input gain settings.
Table 1. Recommended Resistor Values
INPUT RESISTOR VALUE, RIN
FEEDBACK RESISTOR VALUE,
GAIN
Rfb
–1 V/V
10 k
10 k
–1.5 V/V
8.2 k
12 k
–2 V/V
15 k
30 k
–10 V/V
4.7 k
47 k
10.1.2 Input-Blocking Capacitors
DC input-blocking capacitors are required to be added in series with the audio signal into the input pins of the
TPA6138A2. These capacitors block the dc portion of the audio source and allow the TPA6138A2 inputs to be
properly biased to provide maximum performance.
These capacitors form a high-pass filter with the input resistor, RIN. The cutoff frequency is calculated using
Equation 5. For this calculation, the capacitance used is the input-blocking capacitor and the resistance is the
input resistor chosen from Table 1; then the frequency and/or capacitance can be determined when one of the
two values is given.
It is recommended to use electrolytic capacitors or high-voltage-rated capacitors as input blocking capacitors to
ensure minimal variation in capacitance with input voltages. Such variation in capacitance with input voltages is
commonly seen in ceramic capacitors and can increase low-frequency audio distortion.
(5)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPA6138A2


Similar Part No. - TPA6138A2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6138A2 TI1-TPA6138A2_15 Datasheet
703Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver
More results

Similar Description - TPA6138A2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6138A2 TI1-TPA6138A2_17 Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
588Kb / 18P
[Old version datasheet]   DirectPath??Headphone Driver With Adjustable Gain
DRV602 TI-DRV602 Datasheet
243Kb / 12P
[Old version datasheet]   DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
DRV601 TI-DRV601 Datasheet
552Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_08 Datasheet
548Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_15 Datasheet
908Kb / 19P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
[Old version datasheet]   DirectPath?? 3-VRMS Line Driver With Adjustable Gain
TPA6138A2 TI1-TPA6138A2_15 Datasheet
703Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com