Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6205A1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPA6205A1
Description  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6205A1 Datasheet(HTML) 4 Page - Texas Instruments

  TPA6205A1_15 Datasheet HTML 1Page - Texas Instruments TPA6205A1_15 Datasheet HTML 2Page - Texas Instruments TPA6205A1_15 Datasheet HTML 3Page - Texas Instruments TPA6205A1_15 Datasheet HTML 4Page - Texas Instruments TPA6205A1_15 Datasheet HTML 5Page - Texas Instruments TPA6205A1_15 Datasheet HTML 6Page - Texas Instruments TPA6205A1_15 Datasheet HTML 7Page - Texas Instruments TPA6205A1_15 Datasheet HTML 8Page - Texas Instruments TPA6205A1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
(SIDEVIEW)
SHUTDOWN
IN+
VDD
VO+
GND
VO-
IN-
A
B
C
1 2
3
BYPASS
8
SHUTDOWN
BYPASS
IN+
IN-
VO-
GND
VDD
VO+
7
6
5
1
2
3
4
7
6
5
1
2
3
SHUTDOWN
BYPASS
IN+
IN-
VO-
GND
VDD
VO+
4
8
TPA6205A1
SLOS490B – JULY 2006 – REVISED JUNE 2008 ..............................................................................................................................................................
www.ti.com
MicroStar Junior™ (ZQV) PACKAGE
(TOP VIEW)
8-PIN QFN (DRB) PACKAGE
(TOP VIEW)
8-PIN MSOP (DGN) PACKAGE
(TOP VIEW)
Terminal Functions
TERMINAL
I/O
DESCRIPTION
DRB,
NAME
ZQV
DGN
BYPASS
C1
2
I
Mid-supply voltage. Adding a bypass capacitor improves PSRR.
GND
B2
7
I
High-current ground
IN-
C3
4
I
Negative differential input
IN+
C2
3
I
Positive differential input
SHUTDOWN
B1
1
I
Shutdown terminal (active low logic)
VDD
A3
6
I
Supply voltage terminal
VO+
B3
5
O
Positive BTL output
VO-
A1
8
O
Negative BTL output
N/A
Connect to ground. Thermal pad must be soldered down in all applications to properly secure
Thermal Pad
device on the PCB.
4
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TPA6205A1


Similar Part No. - TPA6205A1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6205A1 TI1-TPA6205A1_17 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
More results

Similar Description - TPA6205A1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6205A1 TI1-TPA6205A1_17 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1 TI-TPA6205A1 Datasheet
911Kb / 24P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI-TPA6205A1_07 Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
SLOS490TPA6205A1 TI-SLOS490TPA6205A1 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
logo
Eutech Microelectronics...
EUA6205 EUTECH-EUA6205 Datasheet
551Kb / 13P
   1.25-W Mono Fully Differential Audio Power Amplifier with 1.8V Input Logic Thresholds
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com