Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4901DGNR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4901DGNR
Description  TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A4901DGNR Datasheet(HTML) 3 Page - Texas Instruments

  TPS7A4901DGNR Datasheet HTML 1Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 2Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 3Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 4Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 5Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 6Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 7Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 8Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
TPS7A49
www.ti.com
SBVS121E – AUGUST 2010 – REVISED MAY 2015
Added statement about typical value measurement temperature to Electrical Characteristics conditions ........................... 6
Added footnote to Internal reference specification ................................................................................................................. 6
Added Feedback voltage (VFB) parameter to Electrical Characteristics................................................................................. 6
Changed Line regulation typical specification from 0.11 to 0.086 %VOUT .............................................................................. 6
Changed Ground current typical specification for IOUT = 0 mA from 61 to 49 µA................................................................... 6
Changed CBYP to CFF throughout data sheet.......................................................................................................................... 6
Changed footnote in Electrical Characteristics describing CFF (CBYP) capacitor ................................................................... 6
Added statement about typical value measurement temperature to Typical Characteristics conditions ............................... 7
Changed Figure 1 to show correct device performance......................................................................................................... 7
Changed Figure 14; changed CBYP to CFF ............................................................................................................................. 8
Changed Figure 16; changed CBYP to CFF ............................................................................................................................. 8
Changed Figure 18; changed CBYP to CFF ............................................................................................................................. 8
Moved Figure 25, Figure 26, and Figure 27 to end of Typical Characteristics section........................................................ 11
Changed Equation 1; corrected notation on CNR/SS.............................................................................................................. 12
Changed Equation 2 ............................................................................................................................................................ 14
Changed paragraph 1 of Noise Reduction and Feed-Forward Capacitor Requirements ................................................... 14
Changed Figure 29; changed CBYP to CFF............................................................................................................................ 16
Changes from Revision B (January 2010) to Revision C
Page
Changed VREF parameter typical specification in Electrical Characteristics table .................................................................. 6
Changes from Revision A (September 2010) to Revision B
Page
Changed HBM max value from 500V to 1500V ..................................................................................................................... 5
Changes from Original (August 2010) to Revision A
Page
Revised Features list .............................................................................................................................................................. 1
Changed Description text (paragraph 1) to remove description of maximum load ................................................................ 1
Changed description of NC pin (pin 3) in Pin Descriptions table ........................................................................................... 4
Revised shutdown supply current, feedback current, and enable current specifications; rounded typical performance
values ..................................................................................................................................................................................... 6
Updated Figure 1 to show correct device performance.......................................................................................................... 7
Revised Functional Block Diagram for clarification .............................................................................................................. 12
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS7A49


Similar Part No. - TPS7A4901DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4901DGNR TI-TPS7A4901DGNR Datasheet
755Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A4901DGNR TI1-TPS7A4901DGNR Datasheet
843Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
More results

Similar Description - TPS7A4901DGNR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP150 AD-ADP150 Datasheet
620Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP150_VA AD-ADP150_VA Datasheet
580Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP150 AD-ADP150_13 Datasheet
603Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
   Ultralow Noise, 200 mA Linear Regulator
REV. 0
logo
Texas Instruments
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow-Noise, 250-mA Linear Regulator
logo
Analog Devices
ADP151 AD-ADP151 Datasheet
540Kb / 24P
   Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0
ADP151_VD AD-ADP151_VD Datasheet
574Kb / 24P
   Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D
ADP151CB-3.3-EVALZ AD-ADP151CB-3.3-EVALZ Datasheet
561Kb / 24P
   Ultralow Noise, 200 mA, CMOS Linear Regulator
Rev. E
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
TPS7A4901 TI1-TPS7A4901 Datasheet
843Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com