Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A1633-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS7A1633-Q1
Description  TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A1633-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS7A1633-Q1 Datasheet HTML 1Page - Texas Instruments TPS7A1633-Q1 Datasheet HTML 2Page - Texas Instruments TPS7A1633-Q1 Datasheet HTML 3Page - Texas Instruments TPS7A1633-Q1 Datasheet HTML 4Page - Texas Instruments TPS7A1633-Q1 Datasheet HTML 5Page - Texas Instruments TPS7A1633-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A1633-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A1633-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A1633-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TPS7A1601-Q1, TPS7A1633-Q1, TPS7A1650-Q1
www.ti.com
SBVS188C – MARCH 2012 – REVISED DECEMBER 2014
6.5 Electrical Characteristics
At TA= –40°C to 125°C, VIN = VOUT(NOM) + 0.5 V or VIN = 3 V (whichever is greater), VEN = VIN, IOUT = 10 µA, CIN = 1 μF, COUT = 2.2 μF, and
FB tied to OUT, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
3
60
V
VREF
Internal reference
TA = 25°C, VFB = VREF, VIN = 3 V, IOUT = 10 μA
1.169
1.193
1.217
V
VUVLO
Undervoltage lockout threshold
2.7
V
Output voltage range
VIN ≥ VOUT(NOM) + 0.5 V
VREF
18.5
V
Nominal accuracy
TA = 25°C, VIN = 3 V, IOUT = 10 μA
–2
2
%VOUT
VOUT
VOUT(NOM) + 0.5 V ≤ VIN ≤ 60 V
(1)
Overall accuracy
–2
2
%VOUT
10 µA
≤ IOUT ≤ 100 mA
ΔVO(ΔVI)
Line regulation
3 V
≤ VIN ≤ 60 V
±1
%VOUT
ΔVO(ΔIO)
Load regulation
10 µA
≤ IOUT ≤ 100 mA
±1
%VOUT
VIN = 4.5 V, VOUT(NOM) = 5 V, IOUT = 20 mA
60
mV
VDO
Dropout voltage
VIN = 4.5 V, VOUT(NOM) = 5 V, IOUT = 100 mA
265
500
mV
ILIM
Current limit
VOUT = 90% VOUT(NOM), VIN = 3.0 V
101
225
400
mA
3 V
≤ VIN ≤ 60 V, IOUT = 10 µA
5
15
μA
IGND
Ground current
IOUT = 100 mA
5
μA
ISHDN
Shutdown supply current
VEN = 0.4 V
0.59
5.0
μA
I FB
Feedback current(2)
–1
0.0
1
µA
IEN
Enable current
3 V
≤ VIN ≤ 12 V, VIN = VEN
–1
0.01
1
μA
VEN_HI
Enable high-level voltage
1.2
V
VEN_LO
Enable low- level voltage
0.3
V
OUT pin floating, VFB increasing, VIN ≥ VIN_MIN
85
95
%VOUT
VIT
PG trip threshold
OUT pin floating, VFB decreasing, VIN ≥ VIN_MIN
83
93
%VOUT
VHYS
PG trip hysteresis
2.3
4
%VOUT
VPG, LO
PG output low voltage
OUT pin floating, VFB = 80% VREF, IPG= 1mA
0.4
V
IPG, LKG
PG leakage current
VPG= VOUT(NOM)
–1
1
μA
IDELAY
DELAY pin current
1
2
μA
VIN = 3 V, VOUT(NOM) = VREF, COUT = 10 μF,
PSRR
Power-supply rejection ratio
50
dB
f = 100 Hz
Shutdown, temperature increasing
170
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
150
°C
Operating ambient temperature
TA
–40
125
°C
range
(1)
Maximum input voltage is limited to 24 V because of the package power dissipation limitations at full load (P
≈ (VIN – VOUT) × IOUT =
(24 V – VREF) × 50 mA ≈ 1.14 W). The device is capable of sourcing a maximum current of 50 mA at higher input voltages as long as
the power dissipated is within the thermal limits of the package plus any external heatsinking.
(2)
IFB > 0 flows out of the device.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS7A1601-Q1 TPS7A1633-Q1 TPS7A1650-Q1


Similar Part No. - TPS7A1633-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A1633-Q1 TI-TPS7A1633-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1633-Q1 TI1-TPS7A1633-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
More results

Similar Description - TPS7A1633-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A1650-Q1 TI-TPS7A1650-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1633-Q1 TI-TPS7A1633-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
945Kb / 26P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
TPS7A1601 TI1-TPS7A1601 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1_17 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A-Q1 TI1-TPS7A16A-Q1 Datasheet
540Kb / 24P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, low-dropout voltage regulator with enable and power-good
TPS7A16 TI-TPS7A16_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A TI-TPS7A16A Datasheet
1Mb / 25P
[Old version datasheet]   TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
MAY 2022
TPS7A16 TI1-TPS7A16 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
logo
ON Semiconductor
NCV4266-2C ONSEMI-NCV4266-2C Datasheet
86Kb / 11P
   150 mA Low Iq, Low-Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com