Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A1650DRBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A1650DRBT
Description  TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A1650DRBT Datasheet(HTML) 1 Page - Texas Instruments

  TPS7A1650DRBT Datasheet HTML 1Page - Texas Instruments TPS7A1650DRBT Datasheet HTML 2Page - Texas Instruments TPS7A1650DRBT Datasheet HTML 3Page - Texas Instruments TPS7A1650DRBT Datasheet HTML 4Page - Texas Instruments TPS7A1650DRBT Datasheet HTML 5Page - Texas Instruments TPS7A1650DRBT Datasheet HTML 6Page - Texas Instruments TPS7A1650DRBT Datasheet HTML 7Page - Texas Instruments TPS7A1650DRBT Datasheet HTML 8Page - Texas Instruments TPS7A1650DRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
0
10
20
30
40
50
0
10
20
30
40
50
60
Input Voltage (V)
− 40°C
+ 25°C
+ 85°C
+ 105°C
+ 125°C
IOUT = 0mA
TPS7A16
OUT
GND
C
IN
IN
EN
V
IN
V
OUT
V
EN
R
PG
DELAY
C
DELAY
PG
C
OUT
V
PG
µC1
IO1
IO2
IO3
µC2
EN
VCC
12 V
60 V
t
V
IN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TPS7A16
SBVS171F – DECEMBER 2011 – REVISED OCTOBER 2015
TPS7A16 60-V, 5-µA IQ, 100-mA, Low-Dropout Voltage Regulator
With Enable and Power-Good
1 Features
3 Description
The TPS7A16 family of ultralow power, low-dropout
1
Wide Input Voltage Range: 3 V to 60 V
(LDO) voltage regulators offers the benefits of ultra-
Ultralow Quiescent Current: 5 µA
low
quiescent
current,
high
input
voltage
and
Quiescent Current at Shutdown: 1 µA
miniaturized, high thermal-performance packaging.
Output Current: 100 mA
The TPS7A16 family is designed for continuous or
Low Dropout Voltage: 60 mV at 20 mA
sporadic
(power
backup)
battery-powered
applications where ultralow quiescent current is
Accuracy: 2%
critical to extending system battery life.
Available in:
The TPS7A16 family offers an enable pin (EN)
Fixed Output Voltage: 3.3 V, 5 V
compatible
with
standard
CMOS
logic
and
an
Adjustable Version from 1.2 V to 18.5 V
integrated open drain active-high power good output
Power-Good With Programmable Delay
(PG) with a user-programmable delay. These pins are
intended for use in microcontroller-based, battery-
Current Limit and Thermal Shutdown Protections
powered applications where power-rail sequencing is
Stable with Ceramic Output Capacitors:
required.
≥ 2.2 µF
In addition, the TPS7A16 is ideal for generating a
Packages: High Thermal Performance MSOP-8
low-voltage supply from multicell solutions ranging
and SON-8 PowerPAD™
from high cell-count power-tool packs to automotive
Operating Temperature Range:
applications; not only can this device supply a well-
–40°C to 125°C
regulated voltage rail, but it can also withstand and
maintain regulation during voltage transients. These
2 Applications
features translate to simpler and more cost-effective,
electrical surge-protection circuitry.
Power Supplies for Notebook PCs, Digital TVs,
and Private LAN Systems
Device Information(1)
High Cell-Count Battery Packs for Power Tools
PART NUMBER
PACKAGE
BODY SIZE (NOM)
and other Battery-Powered Microprocessor and
HVSSOP (8)
3.00 mm × 3.00 mm
Microcontroller Systems
TPS7A16
VSON (8)
3.00 mm × 3.00 mm
Car Audio, Navigation, Infotainment, and Other
(1) For all available packages, see the package option addendum
Automotive Systems
at the end of the data sheet.
Smoke and CO2 Detectors and Battery-Powered
Alarm and Security Systems
Typical Application Schematic
Quiescent Current vs Input Voltage
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS7A1650DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A1650DGNR TI1-TPS7A1650DGNR Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
TPS7A1650DGNR TI1-TPS7A1650DGNR Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
TPS7A1650DGNR TI-TPS7A1650DGNR Datasheet
1Mb / 14P
[Old version datasheet]   XTR111 Demonstration Fixture Users Guide
Revised April 2013
TPS7A1650DGNT TI1-TPS7A1650DGNT Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
TPS7A1650DGNT TI1-TPS7A1650DGNT Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
More results

Similar Description - TPS7A1650DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
945Kb / 26P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
TPS7A1601 TI1-TPS7A1601 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1_17 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A-Q1 TI1-TPS7A16A-Q1 Datasheet
540Kb / 24P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, low-dropout voltage regulator with enable and power-good
TPS7A1650-Q1 TI-TPS7A1650-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1633-Q1 TI-TPS7A1633-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI-TPS7A1601-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A TI-TPS7A16A Datasheet
1Mb / 25P
[Old version datasheet]   TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
MAY 2022
TPS7A16 TI1-TPS7A16 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
logo
ON Semiconductor
NCV4266-2C ONSEMI-NCV4266-2C Datasheet
86Kb / 11P
   150 mA Low Iq, Low-Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com