Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4501 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS7A4501
Description  TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A4501 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS7A4501_15 Datasheet HTML 4Page - Texas Instruments TPS7A4501_15 Datasheet HTML 5Page - Texas Instruments TPS7A4501_15 Datasheet HTML 6Page - Texas Instruments TPS7A4501_15 Datasheet HTML 7Page - Texas Instruments TPS7A4501_15 Datasheet HTML 8Page - Texas Instruments TPS7A4501_15 Datasheet HTML 9Page - Texas Instruments TPS7A4501_15 Datasheet HTML 10Page - Texas Instruments TPS7A4501_15 Datasheet HTML 11Page - Texas Instruments TPS7A4501_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
0
50
100
150
200
250
300
350
400
450
500
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Output Current – A
TA = 25°C
TA = 125°C
0
120
240
360
480
-50
-25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
IOUT = 1.5 A
IOUT = 0.5 A
IOUT = 100 mA
IOUT = 1 mA
TPS7A4501, TPS7A4515, TPS7A4518, TPS7A4525, TPS7A4533
SLVS720E – JUNE 2008 – REVISED AUGUST 2014
www.ti.com
7.6 Typical Characteristics
Typical characteristics apply to all TPS7A45xx devices unless otherwise noted.
Figure 2. Dropout Voltage vs Temperature
Figure 1. Dropout Voltage vs Output Current
VIN = 6 V
IOUT = 0 A
VSHDN = VIN
IOUT = 1 mA
TPS7A4518
Figure 3. Quiescent Current vs Temperature
Figure 4. TPS7A4518 Output Voltage vs Temperature
IOUT = 1 mA
TPS7A4525
IOUT = 1 mA
TPS7A4533
Figure 5. TPS7A4525 Output Voltage vs Temperature
Figure 6. TPS7A4533 Output Voltage vs Temperature
8
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: TPS7A4501 TPS7A4515 TPS7A4518 TPS7A4525 TPS7A4533


Similar Part No. - TPS7A4501_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
More results

Similar Description - TPS7A4501_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101QPWPRQ1 TI1-TPS75101QPWPRQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101Q TI-TPS75101Q Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101-Q1 TI1-TPS75101-Q1 Datasheet
448Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS7A4515 TI-TPS7A4515 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX_0808 TI-TPS7A45XX_0808 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX Datasheet
423Kb / 19P
[Old version datasheet]   LOW-NOISE, FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX_09 Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com