Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4501 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS7A4501
Description  TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A4501 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS7A4501_15 Datasheet HTML 5Page - Texas Instruments TPS7A4501_15 Datasheet HTML 6Page - Texas Instruments TPS7A4501_15 Datasheet HTML 7Page - Texas Instruments TPS7A4501_15 Datasheet HTML 8Page - Texas Instruments TPS7A4501_15 Datasheet HTML 9Page - Texas Instruments TPS7A4501_15 Datasheet HTML 10Page - Texas Instruments TPS7A4501_15 Datasheet HTML 11Page - Texas Instruments TPS7A4501_15 Datasheet HTML 12Page - Texas Instruments TPS7A4501_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Input Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
10
D022
IOUT = 10 mA
IOUT = 100 mA
IOUT = 300 mA
Free-Air Temperature (GC)
-50
-25
0
25
50
75
100
125
1.19
1.195
1.2
1.205
1.21
1.215
1.22
1.225
1.23
D020
Input Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
0.2
0.4
0.6
0.8
1
1.2
D021
TPS7A4501, TPS7A4515, TPS7A4518, TPS7A4525, TPS7A4533
www.ti.com
SLVS720E – JUNE 2008 – REVISED AUGUST 2014
Typical Characteristics (continued)
Typical characteristics apply to all TPS7A45xx devices unless otherwise noted.
TJ = 25 °C
ROUT = 4.3kΩ
IOUT = 1 mA
VIN = 6 V
VSHDN = VIN
Figure 7. TPS7A4501 Output Voltage vs Temperature
Figure 8. Quiescent Current vs Input Voltage
TJ = 25 °C
VOUT = 1.21 V
TJ = 25 °C
VOUT = 1.21 V
VSHDN = VIN
VSHDN = VIN
Figure 9. TPS7A4501 Ground Current vs Input Voltage
Figure 10. TPS7A4501 Ground Current vs Input Voltage
TJ = 25 °C
VSHDN = VIN
TJ = 25 °C
VSHDN = VIN
Figure 12. TPS7A4533 Ground Current vs Input Voltage
Figure 11. TPS7A4533 Ground Current vs Input Voltage
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS7A4501 TPS7A4515 TPS7A4518 TPS7A4525 TPS7A4533


Similar Part No. - TPS7A4501_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
More results

Similar Description - TPS7A4501_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101QPWPRQ1 TI1-TPS75101QPWPRQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101Q TI-TPS75101Q Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101-Q1 TI1-TPS75101-Q1 Datasheet
448Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS7A4515 TI-TPS7A4515 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX_0808 TI-TPS7A45XX_0808 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX Datasheet
423Kb / 19P
[Old version datasheet]   LOW-NOISE, FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX_09 Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com