Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

232-104-00 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 232-104-00
Description  Wall Mount Environmental Bulkhead Feed-Thru
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

232-104-00 Datasheet(HTML) 1 Page - Glenair, Inc.

  232-104-00 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2010 Glenair, Inc.
E-Mail: sales@glenair.com
F-8
F
232-104-00
Wall Mount Environmental Bulkhead Feed-Thru
MIL-DTL-38999 Series II Type
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
A
MAX
B
SQ
C
SQ
D
DIA
E
±.005(0.1)
08
.474(12.0)
.594(15.1)
.818(20.8)
.125(3.2)
.580(14.7)
10
.591(15.0)
.719(18.3)
.944(24.0)
.125(3.2)
.697(17.7)
12
.751(19.1)
.812(20.6)
1.037(26.3)
.125(3.2)
.885(22.5)
14
.876(22.3)
.906(23.0)
1.131(28.7)
.125(3.2)
1.010(25.7)
16
1.001(25.4)
.969(24.6)
1.224(31.1)
.125(3.2)
1.135(28.8)
18
1.126(28.6)
1.062(27.0)
1.318(33.5)
.125(3.2)
1.260(32.0)
20
1.251(31.8)
1.156(29.4)
1.443(36.7)
.125(3.2)
1.385(35.2)
22
1.376(35.0)
1.250(31.8)
1.568(39.8)
.125(3.2)
1.510(38.4)
24
1.501(38.1)
1.375(34.9)
1.693(43.0)
.156(4.0)
1.635(41.5)
A TYP
.156 Max
1.25 Max
.602 Ref
APPLICATION NOTES
1.
Material/Finish:
Shells and nuts – Al alloy,6061-T6,QQ-A-225/8, see Table II
Contacts – Leaded nickel copper - gold plate MIL-G-45204, Type II, Class I.
Bayonet pins – AISI 300 series stainless steel/passivate, QQ-P-35
Hoods – AISI 305 series stainless steel/passivate, QQ-P -35.
Inserts –High grade rigid dielectric/N.A.
Seals – Silicone/ N.A.
2.
Metric Dimensions (mm) are indicated in parentheses.
Insert Arrangement per
MIL-DTL-38999, Series lI
MIL-STD-1560
B TYP
C
Recommended Panel Cut-Out
E Dia
D DIA
(4 Places)
B Ref
Connector Series
232 - D38999 Series II Type
Contact Termination
P - Pin on Flange Side
S - Socket on Flange Side
Shell Size
08
10
12
14
16
18
20
22
24
232 - 104 - 00 M 10 - 35 P N - 01
Shell Style
00 - Wall Mount
Connector Type
104 - Env. Bulkhead Feed-Thru
Alternate Key
Position
A, B, C, D
(N = Normal)
Panel Accomodation
01 - .0625″ (Min) .125″ (Max)
02 - .0625″ (Min) .250″ (Max)
03 - .0625″ (Min) .500″ (Max)
Panel
Accom.
Flange Side
Ref
Connector Material and Finish
M - Aluminum / Electroless Nickel
NC - Aluminum / Zinc-Cobalt
NF - Cad / O.D. Over Electroless Nickel (1000hr Salt Spray)
ZN - Aluminum Zinc-Nickel Olive Drab
MT - Aluminum / Ni-PTFE 1000 Hour GreyTM
AL - Aluminum / Pure Electrodeposited Aluminum
Insert Arrangement
Per MIL-DTL-38999 Series II
MIL-STD-1560


Similar Part No. - 232-104-00

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
232-104-00AL08 GLENAIR-232-104-00AL08 Datasheet
459Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
232-104-00AL10 GLENAIR-232-104-00AL10 Datasheet
459Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
232-104-00AL12 GLENAIR-232-104-00AL12 Datasheet
459Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
232-104-00AL14 GLENAIR-232-104-00AL14 Datasheet
459Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
232-104-00AL16 GLENAIR-232-104-00AL16 Datasheet
459Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
More results

Similar Description - 232-104-00

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
231-104-00M GLENAIR-231-104-00M Datasheet
434Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
232-104-00M08 GLENAIR-232-104-00M08 Datasheet
459Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
231-104-00 GLENAIR-231-104-00 Datasheet
181Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
233-104-00M09 GLENAIR-233-104-00M09_10 Datasheet
234Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
233-104-00M09 GLENAIR-233-104-00M09 Datasheet
396Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
947-101-0935A GLENAIR-947-101-0935A Datasheet
357Kb / 1P
   Flange Mount Environmental Bulkhead Feed-Thru
233-104-07M09 GLENAIR-233-104-07M09 Datasheet
525Kb / 1P
   Jam Nut Mount Environmental Bulkhead Feed-Thru
233-104-07 GLENAIR-233-104-07 Datasheet
247Kb / 1P
   Jam Nut Mount Environmental Bulkhead Feed-Thru
231-104-09M09 GLENAIR-231-104-09M09 Datasheet
429Kb / 1P
   Jam Nut Environmental Bulkhead Feed-Thru
231-104-07 GLENAIR-231-104-07 Datasheet
211Kb / 1P
   Jam Nut Environmental Bulkhead Feed-Thru
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com