Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKQ120N60TA Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IKQ120N60TA
Description  very tight parameter distribution
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKQ120N60TA Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IKQ120N60TA Datasheet HTML 5Page - Infineon Technologies AG IKQ120N60TA Datasheet HTML 6Page - Infineon Technologies AG IKQ120N60TA Datasheet HTML 7Page - Infineon Technologies AG IKQ120N60TA Datasheet HTML 8Page - Infineon Technologies AG IKQ120N60TA Datasheet HTML 9Page - Infineon Technologies AG IKQ120N60TA Datasheet HTML 10Page - Infineon Technologies AG IKQ120N60TA Datasheet HTML 11Page - Infineon Technologies AG IKQ120N60TA Datasheet HTML 12Page - Infineon Technologies AG IKQ120N60TA Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
IKQ120N60TA
TRENCHSTOPTMseries
Rev.2.2,2014-11-21
Figure 9.
Typicalswitchingtimesasafunctionofgate
resistor
(inductiveload,Tj=175°C,VCE=400V,
VGE=15/0V,IC=120A,Dynamictestcircuitin
Figure E)
rG,GATERESISTOR[
Ω]
0
5
10
15
20
25
10
100
1000
1E+4
td(off)
tf
td(on)
tr
Figure 10.
Typicalswitchingtimesasafunctionof
junctiontemperature
(inductiveload,VCE=400V,VGE=15/0V,
IC=120A,rG=3
Ω,Dynamictestcircuitin
Figure E)
Tj,JUNCTIONTEMPERATURE[°C]
25
50
75
100
125
150
175
10
100
1000
td(off)
tf
td(on)
tr
Figure 11.
Gate-emitterthresholdvoltageasafunction
ofjunctiontemperature
(IC=1,9mA)
Tj,JUNCTIONTEMPERATURE[°C]
0
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
typ.
min.
max.
Figure 12.
Typicalswitchingenergylossesasa
functionofcollectorcurrent
(inductiveload,Tj=175°C,VCE=400V,
VGE=15/0V,rG=3
Ω,Dynamictestcircuitin
Figure E)
IC,COLLECTORCURRENT[A]
0
40
80
120
160
200
240
0
5
10
15
20
25
30
Eoff
Eon
Ets


Similar Part No. - IKQ120N60TA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKQ120N60T INFINEON-IKQ120N60T Datasheet
1Mb / 16P
   Increased current capability
Rev.2.2,2014-11-18
More results

Similar Description - IKQ120N60TA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW20N65R5 INFINEON-IHW20N65R5 Datasheet
1Mb / 15P
   very tight parameter distribution
Rev.2.2,2014-11-27
logo
STMicroelectronics
STGW80H65DFB-4 STMICROELECTRONICS-STGW80H65DFB-4 Datasheet
937Kb / 16P
   Tight parameter distribution
March 2017 Rev 3
STGWA80H65DFB STMICROELECTRONICS-STGWA80H65DFB Datasheet
908Kb / 17P
   Tight parameter distribution
November 2016 Rev 1
logo
Agilent(Hewlett-Packard...
4155C HP-4155C Datasheet
230Kb / 14P
   Parameter Analyzer
logo
EUROQUARTZ limited
T1249 EUROQUARTZ-T1249 Datasheet
119Kb / 1P
   Very Rugged TCXO, Tight Stability
logo
List of Unclassifed Man...
XT150-M ETC-XT150-M Datasheet
490Kb / 2P
   Material & Parameter
V1. 2
RPI-16MM-LENS ETC-RPI-16MM-LENS Datasheet
135Kb / 1P
   Parameter of Lens
logo
E-SWITCH
34-PP27U12B2 E-SWITCH-34-PP27U12B2 Datasheet
72Kb / 1P
   DENOTES CRITICAL PARAMETER
logo
Belden Inc.
FI1D006P9 BELDEN-FI1D006P9 Datasheet
217Kb / 2P
   Indoor Plenum OM1 Distribution Tight Buffer 6 Fibers
0.48
FI3D006P9 BELDEN-FI3D006P9 Datasheet
218Kb / 2P
   Indoor Plenum OM3 Distribution Tight Buffer 6 Fibers
0.176
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com