Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE8653 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE8653
Description  50 Ohm SMA Mixer Operating From 5 GHz to 18 GHz With an IF Range From DC to 4 GHz And LO Power of plus 10 dBm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8653 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE8653 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8653 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8653 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
50 Ohm SMA Mixer Operating From 5 GHz to 18 GHz With an IF Range From DC to 4 GHz And LO Power of +10 dBm from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA Mixer Operating From 5 GHz to 18 GHz With an IF Range From DC to 4 GHz And
LO Power of +10 dBm PE8653
URL: http://www.pasternack.com/50-ohm-sma-mixer-5000-mhz-18000-mhz-if-dc-4000-mhz-pe8653-p.aspx
PE8653
PE8653 REV
50 Ohm SMA Mixer Operating From 5 GHz to 18 GHz With
an IF Range From DC to 4 GHz And LO Power of +10 dBm


Similar Part No. - PE8653

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8650 PASTERNACK-PE8650 Datasheet
103Kb / 1P
   DOUBLE BALANCED MIXERS
PE8651 PASTERNACK-PE8651 Datasheet
103Kb / 1P
   DOUBLE BALANCED MIXERS
PE8652 PASTERNACK-PE8652 Datasheet
103Kb / 1P
   DOUBLE BALANCED MIXERS
PE8654 PASTERNACK-PE8654 Datasheet
357Kb / 3P
   50 Ohm SMA Mixer Operating From 6 GHz to 18 GHz
More results

Similar Description - PE8653

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8654 PASTERNACK-PE8654 Datasheet
357Kb / 3P
   50 Ohm SMA Mixer Operating From 6 GHz to 18 GHz
PE13U1005 PASTERNACK-PE13U1005 Datasheet
385Kb / 4P
   Waveguide Mixer Up Converter WR-28 From 26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO Power of plus 13 dBm
PE12D1000 PASTERNACK-PE12D1000 Datasheet
400Kb / 4P
   Waveguide Mixer Down Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
PE13U1004 PASTERNACK-PE13U1004 Datasheet
389Kb / 4P
   Waveguide Mixer Up Converter WR-22 From 33 GHz to 50 GHz, IF From DC to 18 GHz And LO Power
PE13U1002 PASTERNACK-PE13U1002 Datasheet
388Kb / 4P
   Waveguide Mixer Up Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
PE12D1002 PASTERNACK-PE12D1002 Datasheet
388Kb / 4P
   Waveguide Mixer Down Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
PE12D1004 PASTERNACK-PE12D1004 Datasheet
388Kb / 4P
   Waveguide Mixer Down Converter WR-22 From 33 GHz to 50 GHz, IF From DC to 18 GHz And LO Power
PE13U1000 PASTERNACK-PE13U1000 Datasheet
391Kb / 4P
   Waveguide Mixer Up Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
PE12D1003 PASTERNACK-PE12D1003 Datasheet
389Kb / 4P
   Waveguide Mixer Down Converter WR-19 From 40 GHz to 60 GHz, IF From DC to 18 GHz And LO Power
PE13U1001 PASTERNACK-PE13U1001 Datasheet
391Kb / 4P
   Waveguide Mixer Up Converter WR-12 From 60 GHz to 90 GHz, IF From DC to 18 GHz And LO Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com