Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEC-7070 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LEC-7070
Description  Compact High-performance IPC Powered by 3rd Generation Intel짰 Core??Processors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-7070 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LEC-7070 Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-7070 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LEC-7070
Compact High-performance IPC
Powered by 3rd Generation
Intel® Core™ Processors
Features
Specifications
• Intel® Core™ i7-3517UE, Core™
i3-3217UE or Celeron® 807UE
Processor
• Fanless & Dust-proof Design
• 2 GbE LAN Ports
• 2 Serial COM Ports
• 4 USB 2.0 Ports
Processor System
CPU
Intel
® Core™ i7-3517UE/i3-3217UE or
Celeron
® 807UE
Frequency
1.7GHz (i7), 1.6GHz (i3) or 1GHz (Celeron)
Core Number
2C (i7/i3), 1C (Celeron)
BIOS
AMI 32bit SPI UEFI BIOS
Chipset
Intel HM65
Fanless
Yes
Memory
Technology
DDR3/DDR3L 1333/1600 MHz (i7/i3)
DDR3 1066/1333 MHz (Celeron)
Max. Capacity
8GB (i7/i3), 4GB (Celeron)
Socket
1x 204-pin SODIMM
Graphic
Controller
Intel HD Graphics 4000 (i7/i3)
Intel HD Graphics (Celeron)
VGA
1 x VGA, 2048 x 1536
DVI
-
HDMI
1x HDMI, 1920 x 1080
Audio
Codec
Realtek ALC886-GR
Interface
2 x Phone Jack for MIC-in and Line-out
Ethernet
Controller
Intel 82583V
Speed
10/100/1000 Mbps
Interface
2 x RJ45
Storage
Type
SATA III
Installation
1 x CFast Socket
Type
SATA III
Installation
1 x 2.5” HDD/SSD Drive Bay
I/O
Serial Port
2 x RS-232, DB9 male
Digital I/O
4 x DI, 4 x DO with +5V TTL
USB 2.0
4 x type A
USB 3.0
-
Power-On/Reset Button
1 x Power On/Off and 1 x Reset
Remote Power Switch
Yes
LED
Power/Storage Access/3G Status
Antenna Hole
2 x SMA Antenna Holes
Expansion Interface
Mini-PCIe
1 x Full-sized Socket with SIM Card Reader
and 1 x Half-sized Socket
PCI
-
PCI Express x1
-
PCI Express x4
-
Watchdog Timer
Watchdog Timer 1~255 Level Time Interval System Reset
Software Programmable
Power
Power Type
ATX
Power Supply Voltage
+12 VDC
Connector
DC Jack with Lock
Power Consumption (Idle)
19W
Power Consumption (Full
Load)
26W
Power Adaptor
AC to DC
AC 90 to 240 VAC Input
DC 12V/5V 60W
Environment
Operating Temperature
-20 ~ 55°C
(with Industrial-grade Components)
Storage Temperature
-20 ~ 75°C
Relative Humidity
5% ~ 95% (Non-condensing)
Vibration
IEC 60068-2-64, 0.5Grms, random 5 ~500
Hz, 40 mins/axis
Mechanical
Dimension (W x H x D)
198 x 42 x 145 mm (7.79” x 1.65” x 5.7”)
Construction
Aluminum
Weight
1 Kg
Mounting
VESA, Wallmount
Driver Support
Microsoft Windows
WES 7 E, Win 7 Pro FES, WE 8 S,
WE 8.1 Industry Pro
Linux
Linux 2.6.32 or Later
Certification
EMC
CE/FCC, Class A
• 2 Mini-PCIe
• Integrated SIM Card Reader
• Multiple Video-out Ports
• Wide Temperature Support


Similar Part No. - LEC-7070

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-7000 ETC2-LEC-7000 Datasheet
276Kb / 2P
   Industrial Appliance with Intel짰 Atom??N270
LEC-7001 ETC2-LEC-7001 Datasheet
219Kb / 4P
   Fanless Digital Signage IPC with freescaleTM i.MX 6 series processor
LEC-7001A ETC2-LEC-7001A Datasheet
219Kb / 4P
   Fanless Digital Signage IPC with freescaleTM i.MX 6 series processor
LEC-7001B ETC2-LEC-7001B Datasheet
219Kb / 4P
   Fanless Digital Signage IPC with freescaleTM i.MX 6 series processor
LEC-7001C ETC2-LEC-7001C Datasheet
219Kb / 4P
   Fanless Digital Signage IPC with freescaleTM i.MX 6 series processor
More results

Similar Description - LEC-7070

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
IMBM-B75A AAEON-IMBM-B75A Datasheet
375Kb / 2P
   Intel짰 2nd/3rd Generation Core??i7/ i5/ i3/ Processors
EMB-Q77A AAEON-EMB-Q77A Datasheet
454Kb / 2P
   Intel짰 3rd/2nd Generation Core?
logo
Intel Corporation
326769-002 INTEL-326769-002 Datasheet
2Mb / 342P
   Mobile 3rd Generation Intel짰 Core??Processor Family
logo
Advantech Co., Ltd.
MIC-5603 ADVANTECH-MIC-5603 Datasheet
1Mb / 2P
   Advanced Mezzanine Card based on 3rd Generation Intel짰 Core??Processors with ECC
AIMB-782 ADVANTECH-AIMB-782 Datasheet
2Mb / 2P
   3rd generation Intel짰 Core??processor-based platform
ARK-2150L ADVANTECH-ARK-2150L Datasheet
836Kb / 2P
   Intel짰 3rd Generation Core i3-3217UE/i7-3517UE High Performance Fanless Embedded Box PC
MIC-3328 ADVANTECH-MIC-3328_14 Datasheet
546Kb / 2P
   3U CompactPCI PlusIO Intel짰 3rd Generation Core??Processor Blade
ARK-DS262 ADVANTECH-ARK-DS262_14 Datasheet
626Kb / 2P
   3rd Generation Intel짰 Core??i7 OPS Digital Signage Platform
logo
A-Data Technology
AX3U2400GC4G10-DG2 A-DATA-AX3U2400GC4G10-DG2 Datasheet
138Kb / 1P
   Designed for 3rd Generation Intel Core Processors and Z77 platform
logo
AAEON Technology
IMBA-Q77 AAEON-IMBA-Q77 Datasheet
549Kb / 2P
   Intel짰 3rd Generation Core??i7/ i5/ i3 LGA 1155 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com