Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEC-7800 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LEC-7800
Description  AMD Socket AM2/Sempron Embedded System with Tri-Video Out, dual Gigabit LAN, and WiFi / GPS / 3G Wireless Communications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-7800 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LEC-7800 Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-7800 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notice.
All brand names and trademarks are the registered properties of their respective owners.
Copyright 2009 Lanner Electronics Inc.
About Lanner
Founded in 1986 and publicly listed (TAIEX 6245) since 2003,
Lanner Electronics Inc. is an ISO 9001 certified designer and
manufacturer of reliable, frontline network security, network
video and applied computing platforms. With headquarters in
Taipei, Taiwan and branches in the U.S. and China, Lanner is
uniquely positioned to deliver custom technical solutions with
localized, value-added service.
Contact information
Lanner Electronics Inc
7F, 173, Section 2 Datong Road
Sijhih City, Taipei County 221, Taiwan
T +886 2 86926060
F +886 2 86926101
E sales@lannerinc.com
W www.lannerinc.com
268
44
MECHANICAL DRAWING
FEATURE
DESCRIPTION
LEC-7800
Platform
Form Factor
Embedded System with FAN
Processor
AMD Socket AM2/Sempron
Chipset
AMD 780E + SB710
BIOS
AMIBIOS with 8Mbit FWH
Max. FSB
800MHz
Memory
Memory IC On Board
No
Memory Socket
SODIMM x 2 (up to 2GB per slot)
Max Memory
4GB (2GB Module x 2)
Storage
Compact Flash
CF Socket Type I/II x1
HDD
2.5” SATA HDD support
Networking
Controller (Interface)
RTL8111C(D) (PCIe 1X)
Video
Controller
AMD 780E Integrated
Audio
Codec
ALC888 HD Codec
I/O
COM Ports
RS-232 x 1
Digital I/O
DB9 Female (4 in 4 Out)
USB 2.0
4 (External x 4)
Video Grabber / 3G / GPS
Optional Module
VGA
1 (1920 x 1200 / 75Hz; 4:3)
DVI-D
1 (2560 x 1600 / 60Hz; Dual-link )
HDMI
1 (1920 x 1080)
LAN
RJ45 GbE x 2
PS2 Keyboard & Mouse
Internal Pin Header
Audio
Stereo Line Out (RCA L/R)
Internal CF
1
DC-in Connector Type
Power Jack w/Lock
Expansion
Mini-PCIe x 1 (SIM Card Support)
Mini-PCI x 1
Hardware
Monitor
Controller
Winbond W83627 UHG integrated
hardware monitor
Watchdog timer
Yes (1~255 level)
OS Supported
Linux kernel 2.4.16 or above, XPE/
Win XP-32 bit
Environmental
Parameters
Operating Temperature
(With Industrial Components:
CF, Memory, SSD, HDD)
-10°~55°C / 14°~131°F
Operating Temperature
(With Commercial Com-
ponents)
-5°C~45°C / 23°~113°F
Extended Operating
Temperature Tested
N/A
Dimensions
W x H x D (mm)
268(W) x 44(H) x 174(D)
W x H x D (Inch)
10.55”(W) x 1.73”(H) x 6.85”(D)
Power
Input (Mode)
DC +12V (ATX Mode)
AC Adapter
AC Adapter D: 60W (+12V)
Power Jack w/Lock
Compliance
CE, FCC, RoHS


Similar Part No. - LEC-7800

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-7000 ETC2-LEC-7000 Datasheet
276Kb / 2P
   Industrial Appliance with Intel짰 Atom??N270
LEC-7001 ETC2-LEC-7001 Datasheet
219Kb / 4P
   Fanless Digital Signage IPC with freescaleTM i.MX 6 series processor
LEC-7001A ETC2-LEC-7001A Datasheet
219Kb / 4P
   Fanless Digital Signage IPC with freescaleTM i.MX 6 series processor
LEC-7001B ETC2-LEC-7001B Datasheet
219Kb / 4P
   Fanless Digital Signage IPC with freescaleTM i.MX 6 series processor
LEC-7001C ETC2-LEC-7001C Datasheet
219Kb / 4P
   Fanless Digital Signage IPC with freescaleTM i.MX 6 series processor
More results

Similar Description - LEC-7800

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard with AMD Athlon 64/ Athlon 64 x2 (AM2 Socket) Processor
logo
Advantech Co., Ltd.
AIMB-221 ADVANTECH-AIMB-221 Datasheet
1Mb / 3P
   AMD Turion??and Sempron??Mini-ITX with VGA/LVDS/HDMI, 6 COM, and Dual LAN
09-Nov-2009
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard with AMD Athlon??64/ Athlon??64 x2 (AM2 Socket) Processor
COM-690E AAEON-COM-690E Datasheet
383Kb / 1P
   AMD Turion?? Sempron??(S1 Socket) Processors
logo
Advantech Co., Ltd.
AIMB-221 ADVANTECH-AIMB-221_11 Datasheet
1Mb / 3P
   AMD Turion??and Sempron??Mini-ITX with VGA/LVDS/HDMI, 6 COM, and Dual LAN Port
logo
Level One
WAC-1001 LVL1-WAC-1001 Datasheet
1,005Kb / 4P
   Gigabit Wireless LAN Controller
WAC-2000 LVL1-WAC-2000 Datasheet
449Kb / 3P
   Gigabit Wireless LAN Controller
logo
Feature Integration Tec...
F75125 FINTEK-F75125 Datasheet
1Mb / 34P
   Serial VID, Parallel VID Translator for AMD AM2 and AM2
logo
Axiomtek Co., Ltd.
EBOX620-110-FL AXIOMTEK-EBOX620-110-FL_17 Datasheet
319Kb / 1P
   Fanless Embedded System with AMD G-Series APU and Dual Display Support
EBOX620-110-FL AXIOMTEK-EBOX620-110-FL_16 Datasheet
271Kb / 1P
   Fanless Embedded System with AMD G-Series APU and Dual Display Support
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com