Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEC-7900D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LEC-7900D
Description  Intel짰 Socket P embedded system with Nvidia MCP7A chipset, dual VGA, DVI and HDMI for high definition video
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-7900D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LEC-7900D Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-7900D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EMBEDDED SYSTEM WITH
Advanced Integrated Graphics
Intel® Socket P embedded system with Nvidia MCP7A chipset, dual VGA, DVI and HDMI for high
definition video
LUGE:LEC-7900D
Features
Nvidia MCP7A Chipset
Dual VGA ports DVI-D and HDMI
Slim 44mm case with heat dispersing fins
Up to 4GB DDR2 memory
Dual 10/100/1000 Mbps LAN
USB x 4, COM x 1, DIO x 1
CompactFlash Type I/II or SATA HDD support
The LEC-7900D is an ultra-compact
embedded system designed for
high definition video applications. It
features four video out ports - HDMI,
DVI and dual VGA ports - along
with an Nvidia MCP7A integrated
graphics chipset for improved video
performance.
The LEC-7900D’s Nvidia GPU provides
fluid video performance with minimal
power consumption, resulting in
lower operating costs and higher
return on investment, while delivering
stunning video in high definition.
Additional features include
compatibility with Intel Core 2 Duo
and Celeron M technology. With up
to 4 Gigabytes of memory.
HDMI
2xVGA
WIFI
GbE
DVI-D
COM
SATA
Audio In/Out
LAN x 2
HDMI
DVI-D
Dual VGA
DC Jack with Lock
DIO
COM
Power Extending Control
USB x 4
ATX Power
On/Off


Similar Part No. - LEC-7900D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-7900D ETC2-LEC-7900D Datasheet
460Kb / 2P
   Intel짰 Socket P embedded system with Nvidia MCP7A chipset, dual VGA, DVI and HDMI for high definition video
More results

Similar Description - LEC-7900D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-7900 ETC2-LEC-7900 Datasheet
460Kb / 2P
   Intel짰 Socket P embedded system with Nvidia MCP7A chipset, dual VGA, DVI and HDMI for high definition video
LEC-7500 ETC2-LEC-7500 Datasheet
638Kb / 2P
   Fanless Intel짰 Atom??1.6Ghz embedded system with HDMI, VGA, DVI-D,COM, Dual LAN, USB and CompactFlash or SATA drive support
logo
Axiomtek Co., Ltd.
EBOX638-842-FL AXIOMTEK-EBOX638-842-FL Datasheet
304Kb / 1P
   Fanless Embedded System with Intel짰 Celeron짰 Processor J1900 2.0 GHz, VGA/HDMI
logo
List of Unclassifed Man...
LEC-7030 ETC2-LEC-7030 Datasheet
262Kb / 2P
   Fanless Intel짰 Atom??1.6Ghz embedded system with 2.5??HDD support, S-video input, VGA, DVI-D and 4 USB ports
EM-F345 ETC2-EM-F345 Datasheet
355Kb / 2P
   Fanless Intel짰 Atom??1.6Ghz embedded system with VGA, DVI-D, Dual LAN, USB, COM with CompactFlash and SATA drive support
logo
Axiomtek Co., Ltd.
CAPA841 AXIOMTEK-CAPA841 Datasheet
395Kb / 1P
   Intel짰 Atom Processor E3845/E3827 3.5 Embedded SBC with LVDS/VGA/HDMI,Dual LANs and Audio
CAPA848 AXIOMTEK-CAPA848_17 Datasheet
255Kb / 1P
   3.5 Embedded SBC with Intel짰 Celeron짰 Processor N2807, LVDS/VGA/HDMI
logo
National Semiconductor ...
DS16EV5110_0706 NSC-DS16EV5110_0706 Datasheet
1Mb / 18P
   Video Equalizer for DVI, HDMI, and Cat5 Cables
logo
IOGEAR
GUC3020DW6 IOGEAR-GUC3020DW6 Datasheet
168Kb / 3P
   USB 3.0 to DVI/HDMI/VGA External Video Card
logo
Intel Corporation
945GSE INTEL-945GSE Datasheet
208Kb / 2P
   Mobile Intel짰 945GSE Express Chipset for Embedded Computing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com