Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEC-7950A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LEC-7950A
Description  Fanless Computer with Intel짰 CoreTM i3 / Celeron CPU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-7950A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LEC-7950A Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-7950A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
connect@lannerinc.com

Specifications

Ordering Information
www.lannerinc.com
LEC-7950A
Intel® Celeron® 847E 1.1GHz CPU support, DDR3
SODIMM x2, w/ 2 COM, DVI-D/VGA/HDMI, LAN x2, DIDO
(4 in, 4 out), Audio, +24V DC input
LEC-7950B
Intel® CoreTM i3-2310E 2.1GHz CPU support, DDR3
SODIMM x2, w/ 2 COM, DVI-D/VGA/HDMI, LAN x2, DIDO
(4 in, 4 out), Audio, +24V DC input
Standard Accessories
080W1N0002001
SATA SSD / HDD cable w/ power
SE9ESA900R100
Wall Mount - 4
0P0W060240A01
60W +24V@2.5A adapter
04AW20023Z101
Terminal block for remote power button
Optional Power Cords
080W240318306
US Power Cord
080W240318305
Schuko (EU) Power Cord
080W240318301
UK Power Cord
080W240318307
China Power Cord
080W240318309
Japan Power Cord
Optional Accessories
0TAWE34600Z01
3G Module
Novatel E346 (**MOQ 50)
0TAWAWNE77Z01 Wi-Fi Module
802.11 b/g/n Mini-PCIe card
080W1Q0002001 Antenna
Internal Wi-Fi Antenna Cable
0TZW000000039
Antenna
SMA Antenna, male jack / female plug
080WOQ0001501 Antenna
Internal Antenna cable for 3G//GPS module
0TZW000000072
Antenna
3G Module External Antenna
Dimension (WxHxD)
277.65x59x175mm (10.93” x 2.32” x 6.89”)
Processor
2nd Gen Intel Core i3-2310E or Celeron 847E
Chipset
Intel HM65
System
Technology
DDR3 1066/1333/1600MHz SODIMM x2
Memory
Max. Capacity
Up to 16GB
Storage
IDE
1 x CF socket
SATA
2.5” HDD/SSD drive bay x1
Ethernet Controller
Intel 82583V x2
Graphic Controller
Intel® 3000 HD Graphics
Audio Controller
Realtek ALC886
IO
LAN
GbE RJ45 x2
Display
VGA x1, HDMI x1, DVI-D x1
Video Grabber
N/A
Audio
RCA x4 for right/left Line-in/Line-out channels
Serial I/O
RS232/422/485 x2
GPS
N/A
Digital I/O
1 x female DB9 for DI x4 and DO x4 (5V TTL)
USB 2.0
Type A x4
Power Input
2-pin terminal block
Expansion
Mini-PCIe x2: one with SIM card reader
Others
External: Power-on button, Power-on switch, reset.
Internal: PS/2 keyboard and mouse
Power Input
+24Vdc +/- 5%, ATX mode
AC Adapter
60W +24V@2.5A
Hardware Monitor
Fintek F81865
To monitor voltages & temperature for CPU & System
OS Support
Linux, Windows 7/7 embedded/XP/XP Embedded
Certifications
CE, FCC Class A, RoHS
Compliance
N/A
Operating
Temperature
Range
With Industrial
Components
LEC-7950A:-20~55°C, LEC-7950B:-20~45°C
With Commercial
Components
LEC-7950A:-5~45°C, LEC-7950B:-5~40°C


Similar Part No. - LEC-7950A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-7900 ETC2-LEC-7900 Datasheet
460Kb / 2P
   Intel짰 Socket P embedded system with Nvidia MCP7A chipset, dual VGA, DVI and HDMI for high definition video
LEC-7900D ETC2-LEC-7900D Datasheet
460Kb / 2P
   Intel짰 Socket P embedded system with Nvidia MCP7A chipset, dual VGA, DVI and HDMI for high definition video
LEC-7900D ETC2-LEC-7900D Datasheet
460Kb / 2P
   Intel짰 Socket P embedded system with Nvidia MCP7A chipset, dual VGA, DVI and HDMI for high definition video
LEC-7920 ETC2-LEC-7920 Datasheet
254Kb / 2P
   Fanless Computer with Intel짰 Core i5 / i7 / Celeron CPU
More results

Similar Description - LEC-7950A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-7920 ETC2-LEC-7920 Datasheet
254Kb / 2P
   Fanless Computer with Intel짰 Core i5 / i7 / Celeron CPU
logo
Lanner All Rights Reser...
LEC-2280 LANNER-LEC-2280 Datasheet
662Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
logo
List of Unclassifed Man...
LEC-2280 ETC2-LEC-2280 Datasheet
662Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
LEC-2280P2 ETC2-LEC-2280P2 Datasheet
686Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
VES-270 ETC2-VES-270 Datasheet
153Kb / 2P
   COM Express짰 R2.0 Type 6 Module with Intel짰 CoreTM i7 / i3 CPU and QM77 Chipset
LVR-8300 ETC2-LVR-8300 Datasheet
583Kb / 2P
   Fanless Rolling Stock Computer with Intel짰 Core??i5-4422E or Celeron 2002E Processor
LEC-7480 ETC2-LEC-7480 Datasheet
300Kb / 2P
   Fanless Box PC with Extreme Operating Temperature and Intel짰 Core짰 i7/i3 CPU
LEC-3230 ETC2-LEC-3230 Datasheet
500Kb / 4P
   Fanless Industrial PC with Intel짰 Celeron짰 847E, Core??i3-3217UE or i7-3517UE CPU
LEC-2260 ETC2-LEC-2260 Datasheet
232Kb / 2P
   Fanless Industrial PC with Intel짰 Celeron짰 807UE CPU
logo
AAEON Technology
ACP-5217 AAEON-ACP-5217 Datasheet
462Kb / 2P
   21.5??Fanless Multi-Touch Computer With Intel짰 Core?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com