Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSB2030C Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HSB2030C
Description  Specification for other impedance is available upon request
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HSB2030C Datasheet(HTML) 1 Page - JL World Company Limited.

  HSB2030C Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPEAKERqSOUNDqGENERATORS
SpecificationgSallgdatagtakengatgRM°CgunlessgotherwisegspecifiedP
Coilg
Impedanceg
SΩP
qg±g3M+
Operating
Temperature
S°CP
HR9g~gvF9
LSoundgPressureg
Levelgatg3KHz
SdBP
y9g±gW
Ratedg
Power
SWP
9zq
Maximum
InputgPower
SWP
3
LFrequency
Range
SHzP
FM9g~gx999
Resonance
Frequencyg
SHzP
FM9g±gR9+
Storage
Temperature
S°CP
HR9g~gvqM
ThegspecificationgaregonlygforgqΩgversionzgSpecificationgforgothergimpedancegisgavailablegupongrequestz
LValuegnormalizedgtog9z3Wginputgpowergandg9z3mgmeasuringgdistancez
HSB2030C
www.jlworld.com
Dimensions
Unitg6gmm
Toleranceg6g±9zWmm
FrequencyqResponse
Normalizationgtog9z3WgInputgPowergandg
9z3mgMeasuringgDistance
HSBR9W9CHq
200
100
70
80
100
90
dB
500
1K
2K
5K
10K
Hz
20K
60
R9±9zR
WzF±9zR
Red
Black


Similar Part No. - HSB2030C

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HSB2030B-8 JLWORLD-HSB2030B-8 Datasheet
118Kb / 1P
   SPEAKER SOUND GENERATORS
More results

Similar Description - HSB2030C

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HSB3212A JLWORLD-HSB3212A Datasheet
1Mb / 1P
   Specification for other impedance is available upon request
HSP50E JLWORLD-HSP50E Datasheet
1Mb / 1P
   Specification for other impedance is available upon request
HSR08E JLWORLD-HSR08E Datasheet
688Kb / 1P
   Specification for other impedance is available upon request
HSS1010A JLWORLD-HSS1010A Datasheet
2Mb / 1P
   Specification for other impedance is available upon request
HSB36AA JLWORLD-HSB36AA Datasheet
1Mb / 1P
   Specification for other impedance is available upon request
HSB36AC JLWORLD-HSB36AC Datasheet
1Mb / 1P
   Specification for other impedance is available upon request
HSB28AE JLWORLD-HSB28AE Datasheet
714Kb / 1P
   Specification for other impedance is available upon request
HSB30S JLWORLD-HSB30S Datasheet
591Kb / 1P
   Specification for other impedance is available upon request
HSB36W JLWORLD-HSB36W Datasheet
677Kb / 1P
   Specification for other impedance is available upon request
HSR30D JLWORLD-HSR30D Datasheet
933Kb / 1P
   Specification for other impedance is available upon request
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com