Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDMO03A Datasheet(PDF) 1 Page - JL World Company Limited.

Part # SDMO03A
Description  Different sensitivity level is available upon request
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

SDMO03A Datasheet(HTML) 1 Page - JL World Company Limited.

  SDMO03A Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CR927
Lithium Coin Cells
Microphones
Silicon Microphone
Specification (all data taken at 25°C unless otherwise specified)
Model
SDMO03A
Directivity
Omnidirectional
*Sensitivity
(dB)
-26±3
Standard
Operating
Voltage
(V)
2.1
Current
Consumption
(mA)
≤10
Frequency
Range
(Hz)
100 ~ 7000
Power Supply
Rejection
(dBFs)
-70
*Condition: 0dB = 1V/Pa, 1KHz, Difference sensitivity level is available upon request.
SDMO03A
www.jlworld.com
Dimensions
Unit : mm
Tolerance : ±0.3mm
S/N
Ratio
(dB)
≥57
Maximum
Input
Signal
(dBSPL)
≤120
Start-up
Period
(ms)
100
Digital Output


Similar Part No. - SDMO03A

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
SDMO07A JLWORLD-SDMO07A Datasheet
704Kb / 1P
   Different sensitivity level is available upon request
SDMO07A-26 JLWORLD-SDMO07A-26 Datasheet
704Kb / 1P
   Different sensitivity level is available upon request
SDMO07C JLWORLD-SDMO07C Datasheet
587Kb / 1P
   Different sensitivity level is available upon request
SDMO07C-26 JLWORLD-SDMO07C-26 Datasheet
587Kb / 1P
   Different sensitivity level is available upon request
SDMO08C JLWORLD-SDMO08C Datasheet
279Kb / 1P
   Silicon Microphone
More results

Similar Description - SDMO03A

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
SDMO07C JLWORLD-SDMO07C Datasheet
587Kb / 1P
   Different sensitivity level is available upon request
HMC10A JLWORLD-HMC10A Datasheet
48Kb / 1P
   Different sensitivity level is available upon request
HMO06A JLWORLD-HMO06A Datasheet
800Kb / 1P
   Different sensitivity level is available upon request
SDMO07A JLWORLD-SDMO07A Datasheet
704Kb / 1P
   Different sensitivity level is available upon request
SMO06C JLWORLD-SMO06C Datasheet
1,021Kb / 1P
   Different sensitivity level is available upon request
SMO04A JLWORLD-SMO04A Datasheet
329Kb / 1P
   Different sensitivity level is available upon request
SMO01A JLWORLD-SMO01A Datasheet
260Kb / 1P
   Different sensitivity level is available upon request
SMO03A JLWORLD-SMO03A Datasheet
447Kb / 1P
   Different sensitivity level is available upon request
HMO06B JLWORLD-HMO06B Datasheet
1Mb / 1P
   Different sensitivity level is available upon request
HMO06C JLWORLD-HMO06C Datasheet
576Kb / 1P
   Different sensitivity level is available upon request
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com