Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDMO07A-26 Datasheet(PDF) 1 Page - JL World Company Limited.

Part # SDMO07A-26
Description  Different sensitivity level is available upon request
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

SDMO07A-26 Datasheet(HTML) 1 Page - JL World Company Limited.

  SDMO07A-26 Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
xR:FP
Lithium Coin Cells
Microphones
Silicon Microphone
SpecificationSyallSdataStakenSatSFz°xSunlessSotherwiseSspecifiedm
Model
SIMO.PN3F~
Iirectivity
Omnidirectional
*Sensitivity
yd8m
3F~±q
Standard
OperatingS
VoltageS
yVm
Fg1
xurrentS
xonsumptionS
ymNm
≤1.
ørequency
Range
yGzm
1..S~SP...
PowerSSupplyS
Rejection
yd8øsm
3P.
*xondition=S.d8SKS1VVPa±S1KGz±SIifferenceSsensitivitySlevelSisSavailableSuponSrequestg
SDMO07A
www.jlworld.com
Dimensions
UnitS=Smm
ToleranceS=S±.gqmm
SVNS
RatioS
yd8m
≥zj
Maximum
Input
SignalS
yd8SPLm
≤1F.
Start3up
Period
ymsm
1..
Digital Output
1g.~
qg.
ø.g~z
LRSS4L
VII
xLOxK
INTN
ENI
ENI
ENI
ENI


Similar Part No. - SDMO07A-26

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
SDMO07C JLWORLD-SDMO07C Datasheet
587Kb / 1P
   Different sensitivity level is available upon request
SDMO07C-26 JLWORLD-SDMO07C-26 Datasheet
587Kb / 1P
   Different sensitivity level is available upon request
More results

Similar Description - SDMO07A-26

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
SDMO07C JLWORLD-SDMO07C Datasheet
587Kb / 1P
   Different sensitivity level is available upon request
HMC10A JLWORLD-HMC10A Datasheet
48Kb / 1P
   Different sensitivity level is available upon request
HMO06A JLWORLD-HMO06A Datasheet
800Kb / 1P
   Different sensitivity level is available upon request
SMO06C JLWORLD-SMO06C Datasheet
1,021Kb / 1P
   Different sensitivity level is available upon request
SMO04A JLWORLD-SMO04A Datasheet
329Kb / 1P
   Different sensitivity level is available upon request
SDMO03A JLWORLD-SDMO03A Datasheet
689Kb / 1P
   Different sensitivity level is available upon request
SMO01A JLWORLD-SMO01A Datasheet
260Kb / 1P
   Different sensitivity level is available upon request
SMO03A JLWORLD-SMO03A Datasheet
447Kb / 1P
   Different sensitivity level is available upon request
HMO06B JLWORLD-HMO06B Datasheet
1Mb / 1P
   Different sensitivity level is available upon request
HMO06C JLWORLD-HMO06C Datasheet
576Kb / 1P
   Different sensitivity level is available upon request
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com