Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7273-2 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE7273-2
Description  Low Dropout Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7273-2 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE7273-2 Datasheet HTML 4Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 5Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 6Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 7Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 8Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 9Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 10Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 11Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TLE7273-2
Block Description and Electrical Characteristics
Data Sheet
8
Rev. 1.21, 2014-11-19
5
Block Description and Electrical Characteristics
5.1
Description
5.1.1
Power On Reset and Reset Output
For an output voltage level of
V
Q ≥ 1 V, the reset output is held low. When the level of VQ reaches the reset
threshold
V
RT, the signal at RO remains low for the power-up reset delay time tRD. The reset function and timing
is illustrated in Figure 4. The reset reaction time
t
RR avoids wrong triggering caused by short “glitches” on the VQ-
line. In case of
V
Q power down (VQ < VRT for t > tRR) a logic low signal is generated at the pin RO to reset an external
microcontroller.
The TLE7273-2GV50 and TLE7273-2EV50 feature an integrated pull-up resistor on the reset output while the
TLE7273-2GV33 and TLE7273-2GV26 have an open drain output requiring an external pull-up resistor. When
connected to a voltage level of 5 V, a recommended value for this external resistor is
≥ 5.6 kΩ.
But it’s also possible calculating its value by using the following formula, based on the reset sink current (Example:
external pull-up resistor connected to
V
ext =5 V):
R
extmin = ΔV / IRO = (Vext - VROmin) / IRO = (5 V - 0.25 V) / 1.0 mA = 4.75 kΩ
At low output voltage levels
V
Q < 1 V the integrated pull-up resistor of the TLE7273-2GV50 is switched off setting
the reset output high ohmic.
Figure 4
Reset Function and Timing Diagram
5.1.2
Watchdog Operation
The watchdog uses a fraction of the charge pump oscillator’s clock signal as timebase. The watchdog timebase
can be adjusted using the pins WM1 and WM2 (see Figure 5). The watchdog can be turned off setting WM1 and
WM2 to high level. The timing values refer to typ. values with WM1 and WM2 connected to GND (fast watchdog
and reset timing).
Figure 5 shows the state diagram of the window watchdog (WWD) and the watchdog and reset mode selection.
After power-on, the reset output signal at the RO pin (microcontroller reset) is kept LOW for the reset delay time
t
RD of typ. 16 ms. With the LOW to HIGH transition of the signal at RO the device starts the ignore window time
t
CW (32 ms). During this window the signal at the WDI pin is ignored. Next the WWD starts the open window which
V
I
AET03526NEW.VSD
t
V
Q
t
V
RT
<
t
RR
V
RO
t
V
ROL
V
ROH
t
RD
t
RR
V
RTI
t
RR


Similar Part No. - TLE7273-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7273-2 INFINEON-TLE7273-2 Datasheet
1Mb / 26P
   Low Dropout Voltage Regulator
Rev. 1.2, April 2009
TLE7273-2EV50 INFINEON-TLE7273-2EV50 Datasheet
1Mb / 26P
   Low Dropout Voltage Regulator
Rev. 1.2, April 2009
TLE7273-2GV26 INFINEON-TLE7273-2GV26 Datasheet
1Mb / 26P
   Low Dropout Voltage Regulator
Rev. 1.2, April 2009
TLE7273-2GV33 INFINEON-TLE7273-2GV33 Datasheet
1Mb / 26P
   Low Dropout Voltage Regulator
Rev. 1.2, April 2009
TLE7273-2GV50 INFINEON-TLE7273-2GV50 Datasheet
1Mb / 26P
   Low Dropout Voltage Regulator
Rev. 1.2, April 2009
More results

Similar Description - TLE7273-2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com