Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240-382W Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 240-382W
Description  Wall Mount Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-382W Datasheet(HTML) 1 Page - Glenair, Inc.

  240-382W Datasheet HTML 1Page - Glenair, Inc. 240-382W Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
B-20
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in inches (millimeters) and are subject to change without notice.
B
240-382W
MIL-DTL-38999 Series II Type Filter Connector
Wall Mount Receptacle
How To Order
Sample Part Number
240-382
W
ME 14-35 P
S
P
A
C
N
Filter Connector
MIL-DTL-38999 Series II Type
Shell Style
W = Wall Mount
Connector Class
See Table I
Insert Arrangement
IAW MIL-STD-1560. (See pages B-18 – B-19)
Contact Gender
P = Pin S = Socket
Termination
S = Solder Cup P = PC Tail
Filter Type
P = Pi Circuit C = C Circuit (See Note 2)
Capacitance
See Table II
Flange Mounting Style
H = Round Holes C = Clinch Nuts (4-40 UNC) M = Metric Clinch Nuts (M3)
Alternate Key Position
A, B, C, D, N = Normal (See page B-19)
See Table IV
Ø U
Typ
120°
Max
Ø C
.850 (21.6)
Max
.300 (7.6) Max
.322 (8.18)
.317 (8.05)
.069 (1.75)
.058 (1.47)
Full Thread
.219 (5.56) Min
.175 (4.45)
.125 (3.18)
Bsc
2x A
Sq.
B Or B1
Master Keyway
Holes
4x Ø D
E Thread
(See Note 1)
Solder Cup
PC Tail
C
B
A
Notes
1. “E” accessory threads for shell size 8 thru 16 are one size larger than MIL-DTL-38999
Series II to accommodate filters
2. Other filter styles (C-L, L-C, Unbalanced Pi, Multi-Stage, Multi-Value) are available, please
consult the factory.
D38999 SERIES II TYPE WALL MOUNT RECEPTACLE


Similar Part No. - 240-382W

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-382WM15-35PP GLENAIR-240-382WM15-35PP Datasheet
348Kb / 2P
   Wall Mount Receptacle
240-382WM15-35PS GLENAIR-240-382WM15-35PS Datasheet
348Kb / 2P
   Wall Mount Receptacle
240-382WM15-35SP GLENAIR-240-382WM15-35SP Datasheet
348Kb / 2P
   Wall Mount Receptacle
240-382WM15-35SS GLENAIR-240-382WM15-35SS Datasheet
348Kb / 2P
   Wall Mount Receptacle
240-382WMT15-35PP GLENAIR-240-382WMT15-35PP Datasheet
348Kb / 2P
   Wall Mount Receptacle
More results

Similar Description - 240-382W

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-383W GLENAIR-240-383W Datasheet
144Kb / 2P
   Wall Mount Receptacle
240-384W GLENAIR-240-384W Datasheet
109Kb / 2P
   Wall Mount Receptacle
240-382WM15-35PS GLENAIR-240-382WM15-35PS Datasheet
348Kb / 2P
   Wall Mount Receptacle
240-838W GLENAIR-240-838W Datasheet
106Kb / 2P
   Wall Mount Receptacle
240-264WM16-26PSP GLENAIR-240-264WM16-26PSP Datasheet
371Kb / 2P
   Wall Mount Receptacle
240-381WM15-35PS GLENAIR-240-381WM15-35PS Datasheet
357Kb / 2P
   Wall Mount Receptacle
240-381W GLENAIR-240-381W Datasheet
99Kb / 2P
   Wall Mount Receptacle
240-837W GLENAIR-240-837W Datasheet
100Kb / 2P
   Wall Mount Receptacle
240-837-WP14-12P GLENAIR-240-837-WP14-12P Datasheet
345Kb / 2P
   Filter Receptacle Wall Mount Receptacle
180-040 GLENAIR-180-040 Datasheet
259Kb / 3P
   Wall Mount Receptacle Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com