Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7H1201-HT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7H1201-HT
Description  TPS7H1x01 1.5-V to 7-V, Ultra-Low Dropout (LDO) Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7H1201-HT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS7H1201-HT Datasheet HTML 4Page - Texas Instruments TPS7H1201-HT Datasheet HTML 5Page - Texas Instruments TPS7H1201-HT Datasheet HTML 6Page - Texas Instruments TPS7H1201-HT Datasheet HTML 7Page - Texas Instruments TPS7H1201-HT Datasheet HTML 8Page - Texas Instruments TPS7H1201-HT Datasheet HTML 9Page - Texas Instruments TPS7H1201-HT Datasheet HTML 10Page - Texas Instruments TPS7H1201-HT Datasheet HTML 11Page - Texas Instruments TPS7H1201-HT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
TPS7H1201-HT, TPS7H1101-SP
SLVSAS4H – JUNE 2013 – REVISED DECEMBER 2014
www.ti.com
7.4 Thermal Information
(1) (2) (3)
HKS
HKR
HKR
(HeatSlug_up_no
(HeatSlug_down
(HeatSlug_down_no
THERMAL METRIC(4)
UNIT
Underfill)(5)
Underfill)(6)(7)
Underfill)
16 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance(8)
75.4
30.7
86.6
RθJC(top)
Junction-to-case (top) thermal resistance(9)
0.4
N/A
N/A
RθJB
Junction-to-board thermal resistance(10)
4.8
69
59.3
Junction-to-top characterization
ψJT
1.1
2.4
5
°C/W
parameter(11)
Junction-to-board characterization
ψJB
53.5
12.3
63.2
parameter(12)
Junction-to-case (bottom) thermal
RθJC(bot)
N/A
0.6
0.6
resistance(13)
(1)
Do not allow package body temperature to exceed 265°C at any time or permanent damage may result.
(2)
Maximum power dissipation may be limited by overcurrent protection.
(3)
Test board conditions:
(a) 2.5 inches × 2.5 inches, 4 layers, thickness: 0.062 inch
(b) 2-oz. copper traces located on the top of the PCB
(c) 2-oz. copper ground planes on the 2 internal layers and bottom layer
(d) 48 (0.010-inch) thermal vias located under the device package
(4)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(5)
Power rating at a specific ambient temperature TA should be determined with a junction temperature below 220°C. This is the point
where distortion starts to substantially increase. Thermal management of the PCB should strive to keep the junction temperature at or
below 220°C for best performance and long-term reliability.
(6)
Power rating at a specific ambient temperature TA should be determined with a junction temperature below 135°C. This is the point
where distortion starts to substantially increase. Thermal management of the PCB should strive to keep the junction temperature at or
below 230°C for best performance and long-term reliability.
(7)
Values listed in the underfill column were derived using properties from a composite, generic silver filled epoxy underfill. They are not
product specific.
(8)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(9)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(10) The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(11) The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining RθJA, using a procedure described in JESD51-2a (sections 6 and 7).
(12) The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining RθJA , using a procedure described in JESD51-2a (sections 6 and 7).
(13) The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPS7H1201-HT TPS7H1101-SP


Similar Part No. - TPS7H1201-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7H1201-HT TI1-TPS7H1201-HT Datasheet
1Mb / 34P
[Old version datasheet]   1.5-V to 7-V, ULTRA LOW DROPOUT REGULATOR
TPS7H1201-HT TI1-TPS7H1201-HT Datasheet
2Mb / 30P
[Old version datasheet]   1.5-V to 7-V Input, Ultra-Low Dropout (LDO) Regulator
More results

Similar Description - TPS7H1201-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7H1201-HT TI1-TPS7H1201-HT Datasheet
2Mb / 30P
[Old version datasheet]   1.5-V to 7-V Input, Ultra-Low Dropout (LDO) Regulator
TPS7H1101-SP TI1-TPS7H1101-SP Datasheet
1Mb / 34P
[Old version datasheet]   1.5-V to 7-V, ULTRA LOW DROPOUT REGULATOR
TPS7H1101A-SP TI1-TPS7H1101A-SP_17 Datasheet
1Mb / 31P
[Old version datasheet]   1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
TPS7H1101A-SP TI1-TPS7H1101A-SP Datasheet
989Kb / 29P
[Old version datasheet]   1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
logo
Sanken electric
SI-3010LLSL SANKEN-SI-3010LLSL Datasheet
257Kb / 2P
   1.5 A, Ultra-Low-Dropout, 1.1~3.3 V Regulator
logo
Allegro MicroSystems
SI-3010LLSL ALLEGRO-SI-3010LLSL Datasheet
1Mb / 9P
   1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
logo
Texas Instruments
TPS7H1101A-SP TI-TPS7H1101A-SP_V01 Datasheet
2Mb / 32P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
TPS7H1101A-SP TI-TPS7H1101A-SP_V02 Datasheet
2Mb / 33P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
APRIL 2021
logo
Micrel Semiconductor
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
logo
Texas Instruments
TPS7H1101-SP TI1-TPS7H1101-SP_16 Datasheet
995Kb / 29P
[Old version datasheet]   Radiation-Hardened Ultra-Low Dropout (LDO) Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com