Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS709-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS709-Q1
Description  TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS709-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS709-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS709-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS709-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS709-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS709-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS709-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS709-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS709-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS709-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Input Voltage (V)
0
5
10
15
20
25
30
0.5
1
1.5
2
2.5
3
3.5
TJ = 125GC
TJ = 85GC
TJ = 25GC
TJ = -40GC
TPS709-Q1
EN
IN
OUT
V
I
V
O
1 µF
2.2 µF
GND
NC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS709-Q1
SLVSCE6B – DECEMBER 2013 – REVISED MARCH 2015
TPS709-Q1 150-mA, 30-V, 1-µA IQ Voltage Regulators with Enable
1 Features
3 Description
The TPS709-Q1 series of linear regulators are
1
Qualified for Automotive Applications
ultralow, quiescent current devices designed for
AEC-Q100 Qualified With the Following Results:
power-sensitive applications. A precision band-gap
Device Temperature Grade 1: –40°C to 125°C
and error amplifier provides 2% accuracy over
Ambient Operating Temperature
temperature. Quiescent current of only 1 µA makes
these devices ideal solutions for battery-powered,
Device HBM ESD Classification Level 2
always-on systems that require very little idle-state
Device CDM ESD Classification Level C4B
power dissipation. These devices have thermal-
Input Voltage Range: 2.7 V to 30 V
shutdown,
current-limit,
and
reverse-current
protections for added safety.
Ultralow IQ: 1 μA
Reverse Current Protection
These regulators can be put into shutdown mode by
pulling the EN pin low. The shutdown current in this
Low ISHUTDOWN: 150 nA
mode goes down to 150 nA, typical.
Supports 200-mA Peak Output
The TPS709-Q1 series is available in WSON-6 and
2% Accuracy Over Temperature
SOT-23-5 packages.
Available in Fixed-Output Voltages:
1.2 V to 6.5 V
Device Information(1)
Thermal Shutdown and Overcurrent Protection
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Packages: SOT-23-5, WSON-6
SOT-23 (5)
2.90 mm × 1.60 mm
TPS709-Q1
WSON (6)
2.00 mm × 2.00 mm
2 Applications
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Automotive
Infotainment
space
Body Control Modules
space
Navigation Systems
space
Standby Power for Microcontrollers
space
space
space
Typical Application Circuit
GND Current vs VIN and Temperature
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS709-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results

Similar Description - TPS709-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS706 TI1-TPS706_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_17 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com