Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS709-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS709-Q1
Description  TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS709-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS709-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS709-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS709-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS709-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS709-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS709-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS709-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS709-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS709-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
OUT
NC
IN
GND
EN
1
2
3
5
4
IN
NC
EN
6
5
4
OUT
NC
GND
1
2
3
TPS709-Q1
www.ti.com
SLVSCE6B – DECEMBER 2013 – REVISED MARCH 2015
5 Pin Configuration and Functions
DBV Package
DRV Package
SOT-23-5
WSON-6
(Top View)
(Top View)
Pin Functions
PIN
NO.
I/O
DESCRIPTION
NAME
DRV
DBV
Enable pin. Driving this pin high enables the device. Driving this pin low puts the
EN
4
3
I
device into low current shutdown. This pin can be left floating to enable the device.
The maximum voltage must remain below 6.5 V.
GND
3
2
Ground
IN
6
1
I
Unregulated input to the device
NC
2, 5
4
No internal connection
Regulated output voltage. Connect a small 2.2-µF or greater ceramic capacitor
OUT
1
5
O
from this pin to ground to assure stability.
The thermal pad is electrically connected to the GND node.
Thermal pad
Connect to the GND plane for improved thermal performance.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS709-Q1


Similar Part No. - TPS709-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results

Similar Description - TPS709-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS706 TI1-TPS706_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_17 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com