Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79028 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS79028
Description  ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79028 Datasheet(HTML) 1 Page - Texas Instruments

  TPS79028 Datasheet HTML 1Page - Texas Instruments TPS79028 Datasheet HTML 2Page - Texas Instruments TPS79028 Datasheet HTML 3Page - Texas Instruments TPS79028 Datasheet HTML 4Page - Texas Instruments TPS79028 Datasheet HTML 5Page - Texas Instruments TPS79028 Datasheet HTML 6Page - Texas Instruments TPS79028 Datasheet HTML 7Page - Texas Instruments TPS79028 Datasheet HTML 8Page - Texas Instruments TPS79028 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TPS79015, TPS79018, TPS79025, TPS79028, TPS79030
ULTRALOW-POWER LOW-NOISE 50-mA
LOW-DROPOUT LINEAR REGULATORS
SLVS299B – SEPTEMBER 2000 – REVISED MAY 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 50-mA Low-Dropout Regulator
D Available in 1.5-V, 1.8-V, 2.5-V, 2.8-V, 3.0-V
D Output Noise Typically 56 µVRMS
(TPS79030)
D Only 17 µA Quiescent Current at 50 mA
D 1 µA Quiescent Current in Standby Mode
D Dropout Voltage Typically 57 mV at 50 mA
(TPS79030)
D Over Current Limitation
D –40°C to 125°C Operating Junction
Temperature Range
D 5-Pin SOT-23 (DBV) Package
description
The TPS790xx family of low-dropout (LDO)
voltage
regulators
offers
the
benefits
of
low-dropout voltage, ultralow-power operation,
low-output noise, and miniaturized packaging.
These regulators feature low-dropout voltages
and ultralow quiescent current compared to
conventional LDO regulators. An internal resistor,
in conjunction with an external bypass capacitor,
creates a low-pass filter to reduce the noise. The
TPS79030 exhibits only 56
µVRMS of output
voltage noise using 0.01
µF bypass and 10 µF
output capacitors. Offered in a 5-terminal small
outline integrated-circuit SOT-23 package, the
TPS790xx
series
devices
are
ideal
for
micropower operations, low output noise, and
where board space is limited.
The usual PNP pass transistor has been replaced
by a PMOS pass element. Because the PMOS
pass element behaves as a low-value resistor, the
dropout voltage is very low, typically 57 mV at
50 mA of load current (TPS79030), and is directly
proportional to the load current. The quiescent
current is ultralow (17
µA typically) and is stable
over the entire range of output load current (0 mA
to 50 mA). Intended for use in portable systems
such as laptops and cellular phones, the
ultralow-dropout voltage feature and ultralow-
power operation result in a significant increase in
system battery operating life.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
3
2
4
5
DBV PACKAGE
(TOP VIEW)
1
IN
GND
EN
OUT
BYPASS
0
200
400
600
800
1000
1200
100
1k
10k
100k
f – Frequency – Hz
VI = 4 V
Co = 4.7 µF
C(byp) = 0.1 µF
TPS78930
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
IO = 1 mA
IO = 50 mA
TJ – Junction Temperature – °C
15
22
TPS79030
GROUND CURRENT
vs
JUNCTION TEMPERATURE
VI = 4 V
Co = 4.7 µF
21
20
19
18
17
16
IO = 1 mA
IO = 50 mA
–40
5
–25
20
35
65
110 125
50
–10
80
95


Similar Part No. - TPS79028

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79028 TI-TPS79028 Datasheet
315Kb / 17P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS79028 TI1-TPS79028 Datasheet
485Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA ULTRALOW-POWER LOW-NOISE 50-mA
TPS79028DBVR TI-TPS79028DBVR Datasheet
315Kb / 17P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS79028DBVR TI1-TPS79028DBVR Datasheet
485Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA ULTRALOW-POWER LOW-NOISE 50-mA
TPS79028DBVRG4 TI1-TPS79028DBVRG4 Datasheet
485Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA ULTRALOW-POWER LOW-NOISE 50-mA
More results

Similar Description - TPS79028

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79015 TI-TPS79015 Datasheet
315Kb / 17P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77025DBVRG4 TI-TPS77025DBVRG4 Datasheet
925Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77033-Q1 TI1-TPS77033-Q1 Datasheet
343Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77033DBVTG4 TI-TPS77033DBVTG4 Datasheet
863Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS770 TI-TPS770 Datasheet
887Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS789 TI-TPS789 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com