Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3700 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS3700
Description  TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3700 Datasheet(HTML) 4 Page - Texas Instruments

  TPS3700_15 Datasheet HTML 1Page - Texas Instruments TPS3700_15 Datasheet HTML 2Page - Texas Instruments TPS3700_15 Datasheet HTML 3Page - Texas Instruments TPS3700_15 Datasheet HTML 4Page - Texas Instruments TPS3700_15 Datasheet HTML 5Page - Texas Instruments TPS3700_15 Datasheet HTML 6Page - Texas Instruments TPS3700_15 Datasheet HTML 7Page - Texas Instruments TPS3700_15 Datasheet HTML 8Page - Texas Instruments TPS3700_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TPS3700
SBVS187D – FEBRUARY 2012 – REVISED JANUARY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
–0.3
20
V
Voltage(2)
OUTA, OUTB
–0.3
20
V
INA+, INB–
–0.3
7
V
Current
Output terminal current
40
mA
Operating junction temperature, TJ
–40
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network ground terminal.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-
±2500
001, all pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification
±1000
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Supply voltage
1.8
18
V
VI
Input voltage
INA+, INB–
0
6.5
V
VO
Output voltage
OUTA, OUTB
0
18
V
7.4 Thermal Information
TPS3700
THERMAL METRIC(1)
DDC (SOT)
DSE (WSON)
UNIT
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
204.6
194.9
RθJC(top)
Junction-to-case (top) thermal resistance
50.5
128.9
RθJB
Junction-to-board thermal resistance
54.3
153.8
°C/W
ψJT
Junction-to-top characterization parameter
0.8
11.9
ψJB
Junction-to-board characterization parameter
52.8
157.4
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPS3700


Similar Part No. - TPS3700_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3700 TI1-TPS3700_14 Datasheet
984Kb / 23P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
More results

Similar Description - TPS3700_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3700-Q1 TI-TPS3700-Q1_15 Datasheet
955Kb / 25P
[Old version datasheet]   TPS3700-Q1 Window Comparator for Over- and Undervoltage Detection
TPS3701 TI-TPS3701_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS3701 36-V Window Comparator with Internal Reference for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700_14 Datasheet
984Kb / 23P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700 Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
National Semiconductor ...
LMV7231 NSC-LMV7231 Datasheet
596Kb / 18P
   Hex Window Comparator with 1.5 Precision and 400mV Reference
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Texas Instruments
LMV7231 TI1-LMV7231_14 Datasheet
1Mb / 22P
[Old version datasheet]   LMV7231 Hex Window Comparator with 1.5% Precision and 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com