Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3700 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS3700
Description  TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3700 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3700_15 Datasheet HTML 4Page - Texas Instruments TPS3700_15 Datasheet HTML 5Page - Texas Instruments TPS3700_15 Datasheet HTML 6Page - Texas Instruments TPS3700_15 Datasheet HTML 7Page - Texas Instruments TPS3700_15 Datasheet HTML 8Page - Texas Instruments TPS3700_15 Datasheet HTML 9Page - Texas Instruments TPS3700_15 Datasheet HTML 10Page - Texas Instruments TPS3700_15 Datasheet HTML 11Page - Texas Instruments TPS3700_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Output Sink Current (mA)
0
5
10
15
20
25
30
35
40
0
250
500
750
1000
1250
1500
1750
2000
D012
VDD = 1.8 V
VDD = 5 V
VDD = 18 V
Output Sink Current (mA)
0
5
10
15
20
25
30
35
40
0
250
500
750
1000
1250
1500
1750
2000
D013
VDD = 1.8 V
VDD = 5 V
VDD = 18 V
Output Sink Current (mA)
0
5
10
15
20
25
30
35
40
0
250
500
750
1000
1250
1500
1750
2000
D010
VDD = 1.8 V
VDD = 5 V
VDD = 18 V
Output Sink Current (mA)
0
5
10
15
20
25
30
35
40
0
250
500
750
1000
1250
1500
1750
2000
D011
VDD = 1.8 V
VDD = 5 V
VDD = 18 V
Output Sink Current (mA)
0
5
10
15
20
25
30
35
40
0
250
500
750
1000
1250
1500
1750
2000
D009
VDD = 1.8 V
VDD = 5 V
VDD = 18 V
Output Sink Current (mA)
0
4
8
12
16
20
24
28
32
36
40
1
2
3
4
5
6
7
8
9
10
11
D008
40GC
0GC
25GC
85GC
125GC
TPS3700
SBVS187D – FEBRUARY 2012 – REVISED JANUARY 2015
www.ti.com
Typical Characteristics (continued)
At TJ = 25°C and VDD = 5 V, unless otherwise noted.
Figure 8. Supply Current (IDD) vs
Figure 9. Output Voltage Low (VOL) vs
Output Sink Current
Output Sink Current (–40°C)
Figure 10. Output Voltage Low (VOL) vs
Figure 11. Output Voltage Low (VOL) vs
Output Sink Current (0°C)
Output Sink Current (25°C)
Figure 12. Output Voltage Low (VOL) vs
Figure 13. Output Voltage Low (VOL) vs
Output Sink Current (85°C)
Output Sink Current (125°C)
8
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPS3700


Similar Part No. - TPS3700_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3700 TI1-TPS3700_14 Datasheet
984Kb / 23P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
More results

Similar Description - TPS3700_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3700-Q1 TI-TPS3700-Q1_15 Datasheet
955Kb / 25P
[Old version datasheet]   TPS3700-Q1 Window Comparator for Over- and Undervoltage Detection
TPS3701 TI-TPS3701_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS3701 36-V Window Comparator with Internal Reference for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700_14 Datasheet
984Kb / 23P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700 Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
National Semiconductor ...
LMV7231 NSC-LMV7231 Datasheet
596Kb / 18P
   Hex Window Comparator with 1.5 Precision and 400mV Reference
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Texas Instruments
LMV7231 TI1-LMV7231_14 Datasheet
1Mb / 22P
[Old version datasheet]   LMV7231 Hex Window Comparator with 1.5% Precision and 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com