Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5110 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS5110
Description  SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5110 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS5110_15 Datasheet HTML 2Page - Texas Instruments TPS5110_15 Datasheet HTML 3Page - Texas Instruments TPS5110_15 Datasheet HTML 4Page - Texas Instruments TPS5110_15 Datasheet HTML 5Page - Texas Instruments TPS5110_15 Datasheet HTML 6Page - Texas Instruments TPS5110_15 Datasheet HTML 7Page - Texas Instruments TPS5110_15 Datasheet HTML 8Page - Texas Instruments TPS5110_15 Datasheet HTML 9Page - Texas Instruments TPS5110_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
TPS5110
SLVS025B − APRIL 2002 − REVISED JULY 2004
6
www.ti.com
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CT
5
I/O
External capacitor from CT to GND adjusts frequency of the triangle oscillator.
FB
2
O
Feedback output of error amplifier
FLT
10
I/O
Fault latch timer pin. An external capacitor is connected between FLT and GND to set the FLT enable time
up.
GND
6
Signal GND
INV
1
I
Inverting input of the SBRC error amplifier, skip comparator, OVP/UVP comparators and POWERGOOD
comparator
INV_LDO
12
I
Inverting input of the LDO regulator, OVP/UVP comparators and POWERGOOD comparator
LDO_CUR
15
I
Current sense input of the LDO regulator.
LDO_GATE
14
O
Gate control output of an external MOSFET for LDO
LDO_OUT
13
I/O
LDO regulator’s output connection. If output voltage causes an over shoot at output current changes high
to low quickly, it pulls out electrical charge from this pin.
LDO_IN
16
I
Input of LDO regulator and current sense input of LDO regulator
LH
24
I/O
Bootstrap capacitor connection for high-side gate driver
LL
22
I/O
High side gate driving return. Connect this pin to the junction of the high side and low side MOSFET(s) for
floating drive configuration. This pin also is an input terminal for current comparator.
OUT_d
21
O
Gate drive output for low-side MOSFET(s)
OUT_u
23
O
Gate drive output for high-side MOSFET(s).
OUTGND
20
Ground for FET drivers. It is connected to the current limiting comparator’s negative input.
POWERGOOD
11
O
Power good open-drain output. PG comparators monitor both SBRC’s and LDO’s over voltage and under
voltage. The threshold is
±7%. When either output is beyond this condition, POWERGOOD output goes
low. When STBY or STBY_LDO goes high, the POWERGOOD pin’s output starts with high. POWER-
GOOD also monitors REG5V_IN’s UVLO output.
PWM_SEL
4
I
PWM or auto PWM/SKIP modes select.
H: auto PWM/SKIP
L: PWM fixed
REF
7
O
0.85-V reference voltage output. This 0.85-V reference voltage is used for setting the output voltage and
the voltage protections. This reference voltage is regulated from REG5V_IN power supply.
REG5V_IN
17
I
External 5-V input. This input is a supply voltage for internal circuits.
SOFTSTART
3
I/O
External capacitor between SOFTSTART and GND sets SBRC soft−start time.
STBY
8
I
Standby control input for SBRC. SBRC can be switched into standby mode by grounding the STBY pin.
STBY_LDO
9
I
Standby control input for LDO regulator. LDO regulator can be switched into standby mode by grounding
the STBY_LDO pin.
TRIP
19
I
External resistor connection for SBRC’s output current protection control.
VIN_SENSE
18
I
SBRC supply voltage monitor. Input range is 4.5 V to 28 V. This pin is for reference of current limit.


Similar Part No. - TPS5110_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
More results

Similar Description - TPS5110_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
NX2309 MICROSEMI-NX2309 Datasheet
444Kb / 16P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
NX2305 MICROSEMI-NX2305 Datasheet
579Kb / 19P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER, POWER GOOD & ENABLES
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com