Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3700DDCT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3700DDCT
Description  TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3700DDCT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3700DDCT Datasheet HTML 2Page - Texas Instruments TPS3700DDCT Datasheet HTML 3Page - Texas Instruments TPS3700DDCT Datasheet HTML 4Page - Texas Instruments TPS3700DDCT Datasheet HTML 5Page - Texas Instruments TPS3700DDCT Datasheet HTML 6Page - Texas Instruments TPS3700DDCT Datasheet HTML 7Page - Texas Instruments TPS3700DDCT Datasheet HTML 8Page - Texas Instruments TPS3700DDCT Datasheet HTML 9Page - Texas Instruments TPS3700DDCT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
V
DD
INA+
OUTA
INB–
OUTB
V
IT+
V
hys
V
IT+
V
hys
t
PLH
t
PLH
t
PLH
t
PHL
t
PHL
TPS3700
SBVS187D – FEBRUARY 2012 – REVISED JANUARY 2015
www.ti.com
7.6 Timing Requirements
Over operating temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD = 5 V, 10-mV input overdrive,
tPHL
High-to-low propagation delay(1)
RP = 10 kΩ, VOH = 0.9 × VDD, VOL = 400 mV,
18
µs
see Figure 1
VDD = 5 V, 10-mV input overdrive,
tPLH
Low-to-high propagation delay(1)
RP = 10 kΩ, VOH = 0.9 × VDD, VOL = 400 mV,
29
µs
see Figure 1
(1)
High-to-low and low-to-high refers to the transition at the input terminals (INA+ and INB–).
Figure 1. Timing Diagram
7.7 Switching Characteristics
Over operating temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5 V, 10-mV input overdrive,
tr
Output rise time
2.2
µs
RP = 10 kΩ, VO = (0.1 to 0.9) × VDD
VDD = 5 V, 10-mV input overdrive,
tf
Output fall time
0.22
µs
RP = 10 kΩ, VO = (0.1 to 0.9) × VDD
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPS3700


Similar Part No. - TPS3700DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3700DDCT TI1-TPS3700DDCT Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
More results

Similar Description - TPS3700DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3700-Q1 TI-TPS3700-Q1_15 Datasheet
955Kb / 25P
[Old version datasheet]   TPS3700-Q1 Window Comparator for Over- and Undervoltage Detection
TPS3701 TI-TPS3701_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS3701 36-V Window Comparator with Internal Reference for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700_14 Datasheet
984Kb / 23P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700 Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
National Semiconductor ...
LMV7231 NSC-LMV7231 Datasheet
596Kb / 18P
   Hex Window Comparator with 1.5 Precision and 400mV Reference
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Texas Instruments
LMV7231 TI1-LMV7231_14 Datasheet
1Mb / 22P
[Old version datasheet]   LMV7231 Hex Window Comparator with 1.5% Precision and 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com