Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5120 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS5120
Description  DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5120 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS5120_15 Datasheet HTML 4Page - Texas Instruments TPS5120_15 Datasheet HTML 5Page - Texas Instruments TPS5120_15 Datasheet HTML 6Page - Texas Instruments TPS5120_15 Datasheet HTML 7Page - Texas Instruments TPS5120_15 Datasheet HTML 8Page - Texas Instruments TPS5120_15 Datasheet HTML 9Page - Texas Instruments TPS5120_15 Datasheet HTML 10Page - Texas Instruments TPS5120_15 Datasheet HTML 11Page - Texas Instruments TPS5120_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TPS5120
DUAL OUTPUT, TWOPHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
SLVS278E – AUGUST 2000 – REVISED MARCH 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, VCC (see Note 1)
–0.3 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage: INV1, INV2, CT, PWM/SKIP, REG5V_IN, SOFTSTART1, SOFTSTART2,
–0.3 V to 7 V
. . . . .
FLT, POWERGOOD
–0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
STBY1, STBY2, 5V_STBY, TRIP1, TRIP2
–0.3 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage:
LL1, LL2
–1.0 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
OUT1_u, OUT2_u
–1.0 V to 35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
LH1, LH2
–0.3 V to 35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
OUT1_d, OUT2_d, 5V_OUT, FB1, FB2
–0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
REF
–0.3 V to 3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
OUT1_u, LH1 to LL1
–0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
OUT2_u, LH2 to LL2
–0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation (TA ≤ 25°C), PD
874 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to the network ground terminal unless otherwise noted.
2. This rating is specified at duty = 10% on output rise and fall each pulse. Each pulse width (rise and fall) for the peak current should
not exceed 2
µs.
3. See Dissipation Rating Table for free-air temperature range above 25
°C.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
POWER DISSIPATION
TA = 85°C
DBT
874 mW
6.993 mW/
°C
454 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
28
V
INV1, INV2, CT, PWM/SKIP, SOFTSTART1, SOFTSTART2, FLT
6
REG5V_IN, POWERGOOD
–0.1
5.5
Input voltage, VI
STBY1, STBY2, 5V_STBY
28
V
In ut voltage, VI
OUT1_u, OUT2_u, LH1, LH2
33
V
TRIP1, TRIP2
–0.1
28
Oscillator frequency, fosc
300
500
kHz
Operating free-air temperature range, TA
–40
85
°C


Similar Part No. - TPS5120_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com