Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3700DSER Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3700DSER
Description  TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3700DSER Datasheet(HTML) 1 Page - Texas Instruments

  TPS3700DSER Datasheet HTML 1Page - Texas Instruments TPS3700DSER Datasheet HTML 2Page - Texas Instruments TPS3700DSER Datasheet HTML 3Page - Texas Instruments TPS3700DSER Datasheet HTML 4Page - Texas Instruments TPS3700DSER Datasheet HTML 5Page - Texas Instruments TPS3700DSER Datasheet HTML 6Page - Texas Instruments TPS3700DSER Datasheet HTML 7Page - Texas Instruments TPS3700DSER Datasheet HTML 8Page - Texas Instruments TPS3700DSER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
R
1
GND
1.8 V to 18 V
OUTA
OUTB
R
2
R
3
V
MON
INA+
INB–
V
DD
Device
RP
2
RP
1
0.1 µF
To a reset
or enable
input of
the system.
VIT+
INA+
INB±
VIT+
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS3700
SBVS187D – FEBRUARY 2012 – REVISED JANUARY 2015
TPS3700 Window Comparator With Internal Reference
for Overvoltage and Undervoltage Detection
1 Features
3 Description
The
TPS3700
wide-supply
voltage
window
1
Wide Supply Voltage Range: 1.8 V to 18 V
comparator operates over a 1.8-V to 18-V range. The
Adjustable Threshold: Down to 400 mV
device has two high-accuracy comparators with an
High Threshold Accuracy:
internal
400-mV
reference
and
two
open-drain
outputs rated to 18 V for over- and undervoltage
1.0% Over Temperature
detection. The TPS3700 can be used as a window
0.25% (Typical)
comparator or as two independent voltage monitors;
Low Quiescent Current: 5.5 µA (Typical)
the monitored voltage can be set with the use of
external resistors.
Open-Drain Outputs for Overvoltage and
Undervoltage Detection
OUTA is driven low when the voltage at INA+ drops
Internal Hysteresis: 5.5 mV (Typ)
below (VITP – VHYS), and goes high when the voltage
returns above the respective threshold (VITP). OUTB
Temperature Range: –40°C to 125°C
is driven low when the voltage at INB– rises above
Packages:
VITP, and goes high when the voltage drops below the
SOT-6
respective threshold (VITP – VHYS). Both comparators
in the TPS3700 include built-in hysteresis for filtering
1.5-mm × 1.5-mm WSON-6
to reject brief glitches, thereby ensuring stable output
operation without false triggering.
2 Applications
The TPS3700 is available in a SOT-6 and a 1.5-mm
Industrial Control Systems
× 1.5-mm WSON-6 package and is specified over the
Automotive Systems
junction temperature range of –40°C to 125°C.
Embedded Computing Modules
Device Information(1)
DSP, Microcontroller, or Microprocessor
Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT (6)
2.90 mm × 1.60 mm
Notebook and Desktop Computers
TPS3700
WSON (6)
1.50 mm × 1.50 mm
Portable- and Battery-Powered Products
(1) For all available packages, see the orderable addendum at
FPGA and ASIC Applications
the end of the datasheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS3700DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3700DDCR TI1-TPS3700DDCR Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700DDCT TI1-TPS3700DDCT Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
More results

Similar Description - TPS3700DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3700-Q1 TI-TPS3700-Q1_15 Datasheet
955Kb / 25P
[Old version datasheet]   TPS3700-Q1 Window Comparator for Over- and Undervoltage Detection
TPS3701 TI-TPS3701_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS3701 36-V Window Comparator with Internal Reference for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700_14 Datasheet
984Kb / 23P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700 Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
National Semiconductor ...
LMV7231 NSC-LMV7231 Datasheet
596Kb / 18P
   Hex Window Comparator with 1.5 Precision and 400mV Reference
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Texas Instruments
LMV7231 TI1-LMV7231_14 Datasheet
1Mb / 22P
[Old version datasheet]   LMV7231 Hex Window Comparator with 1.5% Precision and 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com