Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40041DRBRG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40041DRBRG4
Description  LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40041DRBRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS40041DRBRG4 Datasheet HTML 5Page - Texas Instruments TPS40041DRBRG4 Datasheet HTML 6Page - Texas Instruments TPS40041DRBRG4 Datasheet HTML 7Page - Texas Instruments TPS40041DRBRG4 Datasheet HTML 8Page - Texas Instruments TPS40041DRBRG4 Datasheet HTML 9Page - Texas Instruments TPS40041DRBRG4 Datasheet HTML 10Page - Texas Instruments TPS40041DRBRG4 Datasheet HTML 11Page - Texas Instruments TPS40041DRBRG4 Datasheet HTML 12Page - Texas Instruments TPS40041DRBRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
www.ti.com
Block Diagram
OSCILLATOR
4
VDD
UVLO
2 V
6
8
7
5
VDD
VDD
LDRV
HI
LO
BOOT
HDRV
SW
LDRV
ADAPTIVE
GATE
DRIVE
PWM
LOGIC
2
3
COMP
FB
VDD/2
CURRENT LIMIT
COMP
EN
100ns
DELAY
VREF
RAMP
CLOCK
+
+
VDD
PAD
GND
Soft Start
FAULT
LOGIC
SW
Calibration
Circuit
ILIM SET
ILIM SET
SDN
CLOCK
Reference
VREF
ILIM voltages
105 mV
180 mV
310 mV
VDD
Pre−bias
Thermal
Shutdown
1
Vdd−1.2v
EN
PWM COMP
0.6V
SDN
100K
PWM
0.6 V
TPS40040, TPS40041
SLUS700D – MARCH 2006 – REVISED DECEMBER 2007
Figure 18. Functional Block Diagram
Copyright © 2006–2007, Texas Instruments Incorporated
9
Product Folder Link(s): TPS40040 TPS40041


Similar Part No. - TPS40041DRBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40041DRBR TI-TPS40041DRBR Datasheet
771Kb / 36P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
More results

Similar Description - TPS40041DRBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40040 TI-TPS40040 Datasheet
771Kb / 36P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
TPS40042 TI1-TPS40042_16 Datasheet
1Mb / 36P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
TPS40042 TI-TPS40042 Datasheet
833Kb / 35P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
logo
Rohm
BD83070GWL ROHM-BD83070GWL Datasheet
2Mb / 25P
   Synchronous Buck-Boost DC/DC Converter with 2 A Switches (VIN = 2.0 V to 5.5 V, 1ch)
logo
Texas Instruments
LM5143-Q1 TI1-LM5143-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   3.5-V to 65-V Low IQ, Dual Synchronous Buck DC/DC Controller
TPS40190 TI-TPS40190_15 Datasheet
897Kb / 27P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
TPS40190 TI-TPS40190 Datasheet
560Kb / 22P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
LM5143 TI-LM5143 Datasheet
4Mb / 70P
[Old version datasheet]   LM5143 3.5-V to 65-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM25143 TI-LM25143 Datasheet
4Mb / 69P
[Old version datasheet]   LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM25145 TI1-LM25145 Datasheet
2Mb / 62P
[Old version datasheet]   6-V to 42-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com