Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD03-10B15R2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # LD03-10B15R2
Description  3W, AC-DC converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD03-10B15R2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LD03-10B15R2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LD03-10B15R2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD03-10B15R2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LD03-10B15R2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LD03-10B15R2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AC/DC Converter
LD03-10BxxR2 Series
2015.04.17-A/1
Page 3 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Product Characteristic Curve
-25
55
70
100
70
50
20
Input voltage 100~240VAC
120~340VDC
Temperature Derating Curve
Ambient
.( )
temperature ℃
85
100
240 264 VAC
50
100
80
20
76
Input Voltage Derating Curve
Ambient temperature:25℃
Input Voltage
100
120
340 370 VDC
Note: ①Input voltage should be derated based on temperature derating when it is 85~100VAC/240~264VAC/100~120VDC/340~370VDC;
This product is suitable for use in natural air cooling environments, if in a closed environment, please contact our company’s FAE.
LD03-10B05R2
LD03-10B12R2
LD03-10B24R2
60
65
70
75
80
85
90
85
110
220
240
264
Input Voltage(VAC)
Efficiency Vs Input Voltage(Full Load)
LD03-10B05R2
LD03-10B12R2
LD03-10B24R2
40
45
50
55
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100
Output Power Percentage(%)
Efficiency Vs Output Load(Vin=230VAC)
Design Reference
1. Typical application circuit
AC (L)
+Vo
-Vo
AC (L)
AC (N)
AC (N)
C1
C2
TVS
RL
FUSE
AC/DC
MOV1
+
Fig. 1: Typical application circuit
Model
C1(μF)
C2(μF)
TVS tube
LD03-10B03R2
1
150
SMBJ7.0A
LD03-10B05R2
150
SMBJ7.0A
LD03-10B09R2
120
SMBJ12A
LD03-10B12R2
120
SMBJ20A
LD03-10B15R2
120
SMBJ20A
LD03-10B24R2
68
SMBJ30A
Note:
Output filtering capacitor C2 is electrolytic capacitor, it is recommended to apply electrolytic capacitor with high frequency and low resistance. For
capacitance and current of capacitor please refer to manufacture’s datasheet. Capacitance withstand voltage derating should be 80% or above. C1 is
ceramic capacitor, which is used to filter high-frequency noise. External input MOV1 is recommended to use S14K350. TVS is a recommended component to
protect post-circuits if converter fails.
2. EMC solution-recommended circuit
AC/DC
AC(N)
AC(L)
LCM
MOV 1 CX
CY1
CY2
FUSE
AC(N)
AC(L)
+Vo
-Vo
+
LDM
C1
C2
TVS1
RL
Can use MORNSUN’s FC-LX1D
Fig 2: EMC application circuit with higher requirements


Similar Part No. - LD03-10B15R2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LD03-10B15 MORNSUN-LD03-10B15 Datasheet
226Kb / 10P
   3-5W,AC-DC CONVERTER
More results

Similar Description - LD03-10B15R2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LD03-16B03 MORNSUN-LD03-16B03 Datasheet
989Kb / 4P
   3W, AC/DC converter
LS03-16B03SS MORNSUN-LS03-16B03SS Datasheet
1Mb / 5P
   3W, AC/DC converter
LS03-15B03SR2S MORNSUN-LS03-15B03SR2S_15 Datasheet
359Kb / 6P
   3W, AC/DC converter
LO03-10B03 MORNSUN-LO03-10B03 Datasheet
556Kb / 4P
   3W, AC-DC converter
LDE03-20B03W MORNSUN-LDE03-20B03W Datasheet
1Mb / 5P
   3W/5W, AC-DC converter
LDE03-20B03 MORNSUN-LDE03-20B03 Datasheet
1Mb / 6P
   3W/5W, AC-DC converter
LS03-05B03SC MORNSUN-LS03-05B03SC Datasheet
381Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B03S MORNSUN-LS03-05B03S Datasheet
887Kb / 5P
   3W, AC-DC (High Voltage DC-DC) CONVERTER
LS03-05B05K MORNSUN-LS03-05B05K Datasheet
392Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B05KC MORNSUN-LS03-05B05KC Datasheet
403Kb / 4P
   3W, HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com